Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83R5122XXX-RDRUM Datasheet(PDF) 199 Page - ATMEL Corporation

Part # AT83R5122XXX-RDRUM
Description  C51 Microcontroller with USB and Smart Card Reader Interfaces
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83R5122XXX-RDRUM Datasheet(HTML) 199 Page - ATMEL Corporation

Back Button AT83R5122XXX-RDRUM Datasheet HTML 195Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 196Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 197Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 198Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 199Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 200Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 201Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 202Page - ATMEL Corporation AT83R5122XXX-RDRUM Datasheet HTML 203Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 208 page
background image
199
AT83R5122, AT8xC5122/23
4202F–SCR–07/2008
Packaging
Information
Ordering Information
Note:
1. Check avaibility with sales office
Lead free/ RoHS
Part Number
Lead free/ RoHS
Internal Part Number
Memory Size
(bytes)
Supply
Voltage (V)
Temperature
Range
Max Frequency
(MHz)
Package
Packing
AT83R5122xxx-RDTUM
AT83R5122xxx-ALTUM
32K ROM
3.0 - 5.5
Industrial
48 MHz / X1
VQFP64
Tray
AT83R5122xxx-RDRUM
AT83R5122xxx-ALRUM
32K ROM
3.0 - 5.5
Industrial
48 MHz / X1
VQFP64
Tape & Reel
AT83R5122xxx-PSTUM
AT83R5122xxxZ1TUM
32K ROM
3.0 - 5.5
Industrial
48 MHz / X1
QFN64
Tray & Dry
Pack
AT83R5122xxx-PSRUM
AT83R5122xxx-Z1RUM
32K ROM
3.0 - 5.5
Industrial
48 MHz / X1
QFN64
Tape & Reel &
Dry Pack
AT85C5122D-RDTUM
AT85C5122D-ALTUM
32K CRAM
3.0 - 5.5
Industrial
48 MHz / X1
VQFP64
Tray
AT85C5122D-RDRUM
AT85C5122D-ALRUM
32K CRAM
3.0 - 5.5
Industrial
48 MHz / X1
VQFP64
Tape & Reel
AT89C5122D-RDTUM
AT89C5122D-ALTUM
32K FLASH
3.0 - 5.5
Industrial
48 MHz / X1
VQFP64
Tray & Dry pack
AT89C5122D-RDRUM
AT89C5122D-ALRUM
32K FLASH
3.0 - 5.5
Industrial
48 MHz / X1
VQFP64
Tape & Reel
& Dry pack
AT89C5122D-PSTUM
AT89C5122D-Z1TUM
32K FLASH
3.0 - 5.5
Industrial
48 MHz / X1
QFN64
Tray & Dry
Pack
AT89C5122D-PSRUM
AT89C5122D-Z1RUM
32K FLASH
3.0 - 5.5
Industrial
48 MHz / X1
QFN64
Tape & Reel &
Dry Pack
AT89C5122DS-RDTUM
AT89C5122DS-ALTUM
32K FLASH
3.0 - 5.5
Industrial
48 MHz / X1
VQFP64
Tray & Dry
Pack
AT89C5122DS-RDRUM
AT89C5122DS-ALRUM
32K FLASH
3.0 - 5.5
Industrial
48 MHz / X1
VQFP64
Tape & Reel &
Dry Pack
AT89C5122D-PSTUM
AT89C5122D-Z1TUM
32K FLASH
3.0 - 5.5
Industrial
48 MHz / X1
QFN64
Tray & Dry
Pack
AT89C5122D-PSRUM
AT89C5122D-Z1RUM
32K FLASH
3.0 - 5.5
Industrial
48 MHz / X1
QFN64
Tape & Reel &
Dry Pack
AT83C5123xxx-RATUM
AT83C5123xxx-ALTUM
30K ROM
3.0 - 5.5
Industrial
48 MHz / X1
VQFP32
Tray
AT83C5123xxx-RARUM
AT83C5123xxx-ALRUM
30K ROM
3.0 - 5.5
Industrial
48 MHz / X1
VQFP32
Tape & Reel
AT83C5123xxx-PUTUM
AT83C5123xxx-Z1TUM
30K ROM
3.0 - 5.5
Industrial
48 MHz / X1
QFN32
Tray
AT83C5123xxx-PURUM
AT83C5123xxx-Z1RUM
30K ROM
3.0 - 5.5
Industrial
48 MHz / X1
QFN32
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com