Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C1024 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27C1024
Description  1-Megabit (64K x 16) OTP EPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C1024 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27C1024 Datasheet HTML 1Page - ATMEL Corporation AT27C1024 Datasheet HTML 2Page - ATMEL Corporation AT27C1024 Datasheet HTML 3Page - ATMEL Corporation AT27C1024 Datasheet HTML 4Page - ATMEL Corporation AT27C1024 Datasheet HTML 5Page - ATMEL Corporation AT27C1024 Datasheet HTML 6Page - ATMEL Corporation AT27C1024 Datasheet HTML 7Page - ATMEL Corporation AT27C1024 Datasheet HTML 8Page - ATMEL Corporation AT27C1024 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
0019M–EPROM–12/07
AT27C1024
2.1
40-lead PDIP Top View
2.2
40-lead VSOP Top View – Type 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
VPP
CE
O15
O14
O13
O12
O11
O10
O9
O8
GND
O7
O6
O5
O4
O3
O2
O1
O0
OE
VCC
PGM
NC
A15
A14
A13
A12
A11
A10
A9
GND
A8
A7
A6
A5
A4
A3
A2
A1
A0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
A9
A10
A11
A12
A13
A14
A15
NC
PGM
VCC
VPP
CE
O15
O14
O13
O12
O11
O10
O9
O8
GND
A8
A7
A6
A5
A4
A3
A2
A1
A0
OE
O0
O1
A2
O3
O4
O5
O6
O7
GND
2.3
44-lead PLCC Top View
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
O12
O11
O10
O9
O8
GND
NC
O7
O6
O5
O4
A13
A12
A11
A10
A9
GND
NC
A8
A7
A6
A5
2.
Pin Configurations
Note:
Both GND pins must be connected.
Pin Name
Function
A0 - A15
Addresses
O0 - O15
Outputs
CE
Chip Enable
OE
Output Enable
PGM
Program Strobe
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com