Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C512R Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27C512R
Description  512K (64K x 8) OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C512R Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27C512R Datasheet HTML 1Page - ATMEL Corporation AT27C512R Datasheet HTML 2Page - ATMEL Corporation AT27C512R Datasheet HTML 3Page - ATMEL Corporation AT27C512R Datasheet HTML 4Page - ATMEL Corporation AT27C512R Datasheet HTML 5Page - ATMEL Corporation AT27C512R Datasheet HTML 6Page - ATMEL Corporation AT27C512R Datasheet HTML 7Page - ATMEL Corporation AT27C512R Datasheet HTML 8Page - ATMEL Corporation AT27C512R Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
0015O–EPROM–12/07
AT27C512R
2.1
28-lead PDIP/SOIC Top View
2.2
32-lead PLCC Top View
Note:
PLCC Package Pins 1 and 17 are Don’t Connect.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
VCC
A14
A13
A8
A9
A11
OE/VPP
A10
CE
O7
O6
O5
O4
O3
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A6
A5
A4
A3
A2
A1
A0
NC
O0
A8
A9
A11
NC
OE/VPP
A10
CE
O7
O6
2.3
28-lead TSOP Top View – Type 1
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A15
A12
A7
A6
A5
A4
A3
A10
CE
O7
O6
O5
O4
O3
GND
O2
O1
O0
A0
A1
A2
OE/VPP
A11
A9
A8
A13
A14
VCC
1
2
3
4
5
6
7
2.
Pin Configurations
Pin Name
Function
A0 - A15
Addresses
O0 - O7
Outputs
CE
Chip Enable
OE/VPP
Output Enable/ Program Supply
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com