Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULQ2801A Datasheet(PDF) 2 Page - STMicroelectronics

Part # ULQ2801A
Description  EIGHT DARLINGTON ARRAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULQ2801A Datasheet(HTML) 2 Page - STMicroelectronics

  ULQ2801A Datasheet HTML 1Page - STMicroelectronics ULQ2801A Datasheet HTML 2Page - STMicroelectronics ULQ2801A Datasheet HTML 3Page - STMicroelectronics ULQ2801A Datasheet HTML 4Page - STMicroelectronics ULQ2801A Datasheet HTML 5Page - STMicroelectronics ULQ2801A Datasheet HTML 6Page - STMicroelectronics ULQ2801A Datasheet HTML 7Page - STMicroelectronics ULQ2801A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SCHEMATIC DIAGRAM AND ORDER CODES
For ULQ2801A (each driver for PMOS-CMOS) For ULQ2802A (each driver for 14-15 V PMOS)
For ULQ2803A (each driver for 5 V, TTL/CMOS)
For
ULQ2804A
(each
driver
for
6-15
V
CMOS/PMOS
For ULQ2805A (each driver for high out TTL)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vo
Output Voltage
50
V
Vi
Input Voltage for ULQ2802A, 2803A, 2804A
for ULQ2805A
30
15
V
V
IC
Continuous Collector Current
500
mA
IB
Continuous Base Current
25
mA
Ptot
Power Dissipation (one Darlington pair)
(total package)
1.0
2.25
W
W
Tamb
Operating Ambient Temperature Range
– 40 to 105
°C
Tstg
Storage Temperature Range
– 55 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
55
°C/W
ULQ2801A - ULQ2802A - ULQ2803A - ULQ2804A - ULQ2805A
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com