Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C080 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT27C080
Description  8-Megabit (1M x 8) OTP EPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT27C080_07 Datasheet HTML 1Page - ATMEL Corporation AT27C080_07 Datasheet HTML 2Page - ATMEL Corporation AT27C080_07 Datasheet HTML 3Page - ATMEL Corporation AT27C080_07 Datasheet HTML 4Page - ATMEL Corporation AT27C080_07 Datasheet HTML 5Page - ATMEL Corporation AT27C080_07 Datasheet HTML 6Page - ATMEL Corporation AT27C080_07 Datasheet HTML 7Page - ATMEL Corporation AT27C080_07 Datasheet HTML 8Page - ATMEL Corporation AT27C080_07 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
0360L–EPROM–12/07
AT27C080
Notes:
1. X can be VIL or VIH.
2. Refer to Programming Characteristics.
3. V
H = 12.0 ± 0.5V.
4. Two identifier bytes may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled
low (VIL) to select the Manufacturer’s Identification byte and high (VIH) to select the Device Code byte.
Note:
1. V
CC must be applied simultaneously or before OE/ VPP, and removed simultaneously or after OE/VPP.
6.
Operating Modes
Mode/Pin
CE
OE/V
PP
Ai
Outputs
Read
VIL
VIL
Ai
DOUT
Output Disable
X
V
IH
X(1)
High Z
Standby
VIH
X
X
High Z
Rapid Program(2)
VIL
VPP
Ai
DIN
PGM Verify
V
IL
V
IL
Ai
D
OUT
PGM Inhibit
VIH
VPP
X
High Z
Product Identification(4)
VIL
VIL
A9 = VH
(3)
A0 = VIH or VIL
A1 - A19 = V
IL
Identification Code
7.
DC and AC Operating Conditions for Read Operation
AT27C080-90
Industrial Operating Temperature (Case)
-40
° C - 85° C
V
CC Power Supply
5V
± 10%
8.
DC and Operating Characteristics for Read Operation
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC (Com., Ind.)
±1.0
µA
I
LO
Output Leakage Current
V
OUT = 0V to VCC (Com., Ind.)
±5.0
µA
I
SB
V
CC
(1) Standby Current
ISB1 (CMOS), CE = VCC ± 0.3V
100
µA
I
SB2 (TTL), CE = 2.0 to VCC + 0.5V
1.0
mA
I
CC
V
CC Active Current
f = 5 MHz, I
OUT = 0 mA, CE = VIL
40
mA
VIL
Input Low Voltage
-0.6
0.8
V
V
IH
Input High Voltage
2.0
V
CC + 0.5
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400 µA
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com