Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C080 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT27C080
Description  8-Megabit (1M x 8) OTP EPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT27C080 Datasheet HTML 1Page - ATMEL Corporation AT27C080 Datasheet HTML 2Page - ATMEL Corporation AT27C080 Datasheet HTML 3Page - ATMEL Corporation AT27C080 Datasheet HTML 4Page - ATMEL Corporation AT27C080 Datasheet HTML 5Page - ATMEL Corporation AT27C080 Datasheet HTML 6Page - ATMEL Corporation AT27C080 Datasheet HTML 7Page - ATMEL Corporation AT27C080 Datasheet HTML 8Page - ATMEL Corporation AT27C080 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
• Fast Read Access Time – 90 ns
• Low Power CMOS Operation
– 100 µA Max Standby
– 40 mA Max Active at 5 MHz
• JEDEC Standard Packages
– 32-lead PLCC
– 32-lead PDIP
– 32-lead TSOP
• 5V
± 10% Supply
• High-Reliability CMOS Technology
– 2,000V ESD Protection
– 200 mA Latchup Immunity
• Rapid Programming Algorithm – 50 µs/Byte (Typical)
• CMOS and TTL Compatible Inputs and Outputs
• Integrated Product Identification Code
• Industrial Temperature Range
• Green (Pb/Halide-free) Packaging Option
1.
Description
The AT27C080 chip is a low-power, high-performance 8,388,608-bit one-time pro-
grammable read only memory (OTP EPROM) organized as 1M by 8 bits. The
AT27C080 requires only one 5V power supply in normal read mode operation. Any
byte can be accessed in less than 90 ns, eliminating the need for speed reducing
WAIT states on high-performance microprocessor systems.
Atmel’s scaled CMOS technology provides low active power consumption and fast
programming. Power consumption is typically 10 mA in active mode and less than
10 µA in standby mode.
The AT27C080 is available in a choice of packages, including; one-time programma-
ble (OTP) plastic PLCC, PDIP and TSOP. All devices feature two-line control (CE,
OE) to give designers the flexibility to prevent bus contention.
With high density 1-Mbyte storage capability, the AT27C080 allows firmware to be
stored reliably and to be accessed by the system without the delays of mass storage
media.
Atmel’s AT27C080 has additional features to ensure high quality and efficient produc-
tion use. The Rapid Programming Algorithm reduces the time required to program the
part and guarantees reliable programming. Programming time is typically only
50 µs/byte. The Integrated Product Identification Code electronically identifies the
device and manufacturer. This feature is used by industry standard programming
equipment to select the proper programming algorithms and voltages.
8-Megabit
(1M x 8) OTP
EPROM
AT27C080
0360L–EPROM–12/07


Similar Part No. - AT27C080

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C080 ATMEL-AT27C080 Datasheet
167Kb / 10P
8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27C080-10DC ATMEL-AT27C080-10DC Datasheet
167Kb / 10P
8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27C080-10DI ATMEL-AT27C080-10DI Datasheet
167Kb / 10P
8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27C080-10JC ATMEL-AT27C080-10JC Datasheet
167Kb / 10P
8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27C080-10JI ATMEL-AT27C080-10JI Datasheet
167Kb / 10P
8-Megabit 1M x 8 UV Erasable CMOS EPROM
More results

Similar Description - AT27C080

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
1 Megabit 128K x 8 OTP CMOS EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
2-Megabit 256K x 8 OTP EPROM
AT27C040 ATMEL-AT27C040 Datasheet
194Kb / 13P
4-Megabit 512K x 8 OTP EPROM
AT27C080 ATMEL-AT27C080 Datasheet
167Kb / 10P
8-Megabit 1M x 8 UV Erasable CMOS EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
2 Megabit 256K x 8 Low Voltage OTP EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
1 Megabit (128K x 8-Bit) - OTP EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
1-Megabit (128K x 8) OTP EPROM
AT27LV040A ATMEL-AT27LV040A_07 Datasheet
380Kb / 15P
4-Megabit (512K x 8) Low Voltage OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
2-megabit (256K x 8) OTP EPROM
97314 ATMEL-97314 Datasheet
306Kb / 14P
4-Megabit (512K x 8) otp eprom
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com