Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF20V8BQ Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF20V8BQ
Description  Highperformance EE PLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF20V8BQ Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF20V8BQ Datasheet HTML 1Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 2Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 3Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 4Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 5Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 6Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 7Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 8Page - ATMEL Corporation ATF20V8BQ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
ATF20V8B(Q)(L)
2
Description
The ATF20V8B is a high-performance CMOS (electrically-
erasable) programmable logic device (PLD) that utilizes
Atmel’s proven electrically-erasable Flash memory technol-
ogy. Speeds down to 7.5 ns and power dissipation as low
as 10 mA are offered. All speed ranges are specified over
the full 5V
± 10% range for industrial temperature ranges,
and 5V
± 5% for commercial temperature ranges.
Several low-power options allow selection of the best solu-
tion for various types of power-limited applications. Each of
these options significantly reduces total system power and
enhances system reliability.
The ATF20V8Bs incorporate a superset of the generic
architectures, which allows direct replacement of the 20R8
family and most 24-pin combinatorial PLDs. Eight outputs
are each allocated eight product terms. Three different
modes of operation, configured automatically with soft-
ware, allow highly complex logic functions to be realized.
Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1.
Minimum voltage is -0.6V DC which may under-
shoot to -2.0V for pulses of less than 20 ns.Maxi-
mum output pin voltage is VCC + 0.75V DC which
may overshoot to 7.0V for pulses of less than 20
ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)
DC and AC Operating Conditions
Commercial
Industrial
Operating Temperature (Ambient)
0°C - 70°C
-40°C - 85°C
VCC Power Supply
5V
± 5%
5V
± 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com