Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB6BX Datasheet(PDF) 7 Page - STMicroelectronics

Part # USB6BX
Description  DATA LINES PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USB6BX Datasheet(HTML) 7 Page - STMicroelectronics

  USB6BX Datasheet HTML 1Page - STMicroelectronics USB6BX Datasheet HTML 2Page - STMicroelectronics USB6BX Datasheet HTML 3Page - STMicroelectronics USB6BX Datasheet HTML 4Page - STMicroelectronics USB6BX Datasheet HTML 5Page - STMicroelectronics USB6BX Datasheet HTML 6Page - STMicroelectronics USB6BX Datasheet HTML 7Page - STMicroelectronics USB6BX Datasheet HTML 8Page - STMicroelectronics USB6BX Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
USB6Bx
7/9
-40 -20
0
20
40
60
80 100 120 140 160
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Ppp[Tj initial]/Ppp[Tj initial=25°C]
Tj initial(°C)
Fig 1: Peak power dissipation versus initial junc-
tion temperature.
-40 -20
0
20
40
60
80
100 120 140
0.90
0.95
1.00
1.05
1.10
VBR[Tj] / VBR[Tj=25°C]
Tj(°C)
Fig 3: Relative variation of breakdown voltage ver-
sus junction temperature (typical values).
-40 -20
0
20
40
60
80
100 120 140
0.1
1.0
10.0
IR[Tj] / IR[Tj=25°C]
Tj(°C)
Fig 2: Relative variation of leakage current versus
junction temperature (typical values).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com