Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF16LV8C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF16LV8C
Description  Highperformance EE PLD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16LV8C Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF16LV8C Datasheet HTML 1Page - ATMEL Corporation ATF16LV8C Datasheet HTML 2Page - ATMEL Corporation ATF16LV8C Datasheet HTML 3Page - ATMEL Corporation ATF16LV8C Datasheet HTML 4Page - ATMEL Corporation ATF16LV8C Datasheet HTML 5Page - ATMEL Corporation ATF16LV8C Datasheet HTML 6Page - ATMEL Corporation ATF16LV8C Datasheet HTML 7Page - ATMEL Corporation ATF16LV8C Datasheet HTML 8Page - ATMEL Corporation ATF16LV8C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
ATF16LV8C
2
ranges are specified over the full 3.0V to 5.25V range for
industrial and commercial temperature ranges.
The ATF16LV8C incorporates a superset of the generic
architectures, which allows direct replacement of the 16R8
family and most 20-pin combinatorial PLDs. Eight outputs
are each allocated eight product terms. Three different
modes of operation, configured automatically with soft-
ware, allow highly complex logic functions to be realized.
The ATF16LV8C can significantly reduce total system
power, thereby enhancing system reliability and reducing
power supply costs. When pin 4 is configured as the
power-down control pin, supply current drops to less than
5
µA whenever the pin is high. If the power-down feature
isn't required for a particular application, pin 4 may be used
as a logic input. Also, the pin keeper circuits eliminate the
need for internal pull-up resistors along with their attendant
power consumption.
Block Diagram
Note:
1. Includes optional PD control pin.
Absolute Maximum Ratings*
Temperature Under Bias.................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1. Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns.
Maximum output pin voltage is Vcc + 0.75V DC,
which may overshoot to 7.0V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +7.0V(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V(1)
DC and AC Operating Conditions
Commercial
Operating Temperature (Ambient)
0
°C - 70°C
VCC Power Supply
3.0V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com