Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27BV256 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT27BV256
Description  256K (32K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27BV256 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT27BV256 Datasheet HTML 1Page - ATMEL Corporation AT27BV256 Datasheet HTML 2Page - ATMEL Corporation AT27BV256 Datasheet HTML 3Page - ATMEL Corporation AT27BV256 Datasheet HTML 4Page - ATMEL Corporation AT27BV256 Datasheet HTML 5Page - ATMEL Corporation AT27BV256 Datasheet HTML 6Page - ATMEL Corporation AT27BV256 Datasheet HTML 7Page - ATMEL Corporation AT27BV256 Datasheet HTML 8Page - ATMEL Corporation AT27BV256 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
0601E–EPROM–12/07
AT27BV256
2.1
28-lead SOIC Top View
2.2
32-lead PLCC Top View
Note:
PLCC package pins 1 and 17 are Don’t Connect.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
VCC
A14
A13
A8
A9
A11
OE
A10
CE
O7
O6
O5
O4
O3
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A6
A5
A4
A3
A2
A1
A0
NC
O0
A8
A9
A11
NC
OE
A10
CE
O7
O6
2.3
28-lead TSOP (Type 1) Top View
22
23
24
25
26
27
28
1
2
3
4
5
6
7
21
20
19
18
17
16
15
14
13
12
11
10
9
8
OE
A11
A9
A8
A13
A14
VCC
VPP
A12
A7
A6
A5
A4
A3
A10
CE
O7
O6
O5
O4
O3
GND
O2
O1
O0
A0
A1
A2
Atmel’s AT27BV256 has additional features to ensure high quality and efficient production
use. The Rapid Programming Algorithm reduces the time required to program the part and
guarantees reliable programming. Programming time is typically only 100 µs/byte. The Inte-
grated Product Identification Code electronically identifies the device and manufacturer. This
feature is used by industry-standard programming equipment to select the proper program-
ming algorithms and voltages. The AT27BV256 programs exactly the same way as a standard
5V AT27C256R and uses the same programming equipment.
2.
Pin Configurations
Pin Name
Function
A0 - A14
Addresses
O0 - O7
Outputs
CE
Chip Enable
OE
Output Enable
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com