Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3842D Datasheet(PDF) 2 Page - STMicroelectronics

Part # UC3842D
Description  CURRENTMODE PWM CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UC3842D Datasheet(HTML) 2 Page - STMicroelectronics

  UC3842D Datasheet HTML 1Page - STMicroelectronics UC3842D Datasheet HTML 2Page - STMicroelectronics UC3842D Datasheet HTML 3Page - STMicroelectronics UC3842D Datasheet HTML 4Page - STMicroelectronics UC3842D Datasheet HTML 5Page - STMicroelectronics UC3842D Datasheet HTML 6Page - STMicroelectronics UC3842D Datasheet HTML 7Page - STMicroelectronics UC3842D Datasheet HTML 8Page - STMicroelectronics UC3842D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
* All voltages are with respect to pin 5, all currents are positive into the specified terminal.
PIN CONNECTIONS (top views)
SO14
Minidip
ORDERING NUMBERS
Type
Minidip
SO14
UC2842
UC3843
UC2844
UC2845
UC2842N
UC2843N
UC2844N
UC2845N
UC2842D
UC2843D
UC2844D
UC2845D
UC3842
UC3843
UC3844
UC3845
UC3842N
UC3843N
UC3844N
UC3845N
UC3842D
UC3843D
UC3844D
UC3845D
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
Supply Voltage (low impedance source)
30
V
Vi
Supply Voltage (Ii < 30mA)
Self Limiting
IO
Output Current
±1
A
EO
Output Energy (capacitive load)
5
µJ
Analog Inputs (pins 2, 3)
– 0.3 to 6.3
V
Error Amplifier Output Sink Current
10
mA
Ptot
Power Dissipation at Tamb
≤ 50 °C (minidip, DIP-14)
1W
Ptot
Power Dissipation at Tamb
≤ 25 °C (SO14)
725
mW
Tstg
Storage Temperature Range
– 65 to 150
°C
TL
Lead Temperature (soldering 10s)
300
°C
THERMAL DATA
Symbol
Descri pti on
Min id ip
SO14
Uni t
Rth j-amb
Thermal Resistance Junction-ambient.
max.
100
165
°C
UC2842/3/4/5-UC3842/3/4/5
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com