Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB6B2RL Datasheet(PDF) 9 Page - STMicroelectronics

Part # USB6B2RL
Description  DATA LINES PROTECTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USB6B2RL Datasheet(HTML) 9 Page - STMicroelectronics

  USB6B2RL Datasheet HTML 1Page - STMicroelectronics USB6B2RL Datasheet HTML 2Page - STMicroelectronics USB6B2RL Datasheet HTML 3Page - STMicroelectronics USB6B2RL Datasheet HTML 4Page - STMicroelectronics USB6B2RL Datasheet HTML 5Page - STMicroelectronics USB6B2RL Datasheet HTML 6Page - STMicroelectronics USB6B2RL Datasheet HTML 7Page - STMicroelectronics USB6B2RL Datasheet HTML 8Page - STMicroelectronics USB6B2RL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
USB6Bx
9/9
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
PACKAGE MECHANICAL DATA.
DIL8 Plastic
8
1
5
4
E
D
F
b1
b
e3
e
Z
Z
B
I
L
a1
REF.
DIMENSIONS
Millimetres
Inches
Min.
Typ. Max. Min.
Typ. Max.
a1
0.51
0.020
B
0.85
1.40 0.033
0.055
b
0.5
0.020
b1
0.38
0.50 0.015
0.020
D
10.15
0.399
E
8.10
8.80
9.40 0.319 0.346 0.370
e
2.54
0.100
e3
7.62
0.300
F
7.1
0.280
I
5.1
0.200
L
3.3
0.130
Z
1.50
0.063
Types
Package
Weight
Marking
ORDER
CODE
Base Qty
USB6B1
SO8
0.077g
USB62
USB6B1
100 pcs (tube)
USB6B1RL
2500 pcs (tape and reel)
USB6B2
DIL8
0.59g
USB62
USB6B2
50 pcs (tube)
- Epoxy meets UL94, V0
MARKING



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com