Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504ASL Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATF1504ASL
Description  Highperformance Complex Programmable Logic Device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASL Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATF1504ASL Datasheet HTML 9Page - ATMEL Corporation ATF1504ASL Datasheet HTML 10Page - ATMEL Corporation ATF1504ASL Datasheet HTML 11Page - ATMEL Corporation ATF1504ASL Datasheet HTML 12Page - ATMEL Corporation ATF1504ASL Datasheet HTML 13Page - ATMEL Corporation ATF1504ASL Datasheet HTML 14Page - ATMEL Corporation ATF1504ASL Datasheet HTML 15Page - ATMEL Corporation ATF1504ASL Datasheet HTML 16Page - ATMEL Corporation ATF1504ASL Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13
ATF1504AS(L)
0950O–PLD–7/05
Note:
See ordering information for valid part numbers.
Timing Model
AC Characteristics (Continued)
Symbol
Parameter
-7
-10
-15
-20
-25
Units
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
166.7
125
100
83.3
60
MHz
t
IN
Input Pad and Buffer Delay
0.5
0.5
2
2
2
ns
tIO
I/O Input Pad and Buffer Delay
0.5
0.5
2
2
2
ns
tFIN
Fast Input Delay
112
22
ns
t
SEXP
Foldback Term Delay
4
5
8
10
12
ns
tPEXP
Cascade Logic Delay
0.8
0.8
1
1
1.2
ns
tLAD
Logic Array Delay
356
78
ns
t
LAC
Logic Control Delay
356
78
ns
tIOE
Internal Output Enable Delay
2
2
3
3
4
ns
t
OD1
Output Buffer and Pad Delay
(Slow slew rate = OFF;
VCCIO = 5V; CL = 35 pF)
21.5
4
5
6
ns
t
OD2
Output Buffer and Pad Delay
(Slow slew rate = OFF;
VCCIO = 3.3V; CL = 35 pF)
2.5
2.0
5
6
7
ns
t
OD3
Output Buffer and Pad Delay
(Slow slew rate = ON;
VCCIO = 5V or 3.3V; CL = 35 pF)
55.5
8
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com