Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF750LVC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF750LVC
Description  High-speed Complex Programmable Logic Device
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF750LVC Datasheet HTML 1Page - ATMEL Corporation ATF750LVC Datasheet HTML 2Page - ATMEL Corporation ATF750LVC Datasheet HTML 3Page - ATMEL Corporation ATF750LVC Datasheet HTML 4Page - ATMEL Corporation ATF750LVC Datasheet HTML 5Page - ATMEL Corporation ATF750LVC Datasheet HTML 6Page - ATMEL Corporation ATF750LVC Datasheet HTML 7Page - ATMEL Corporation ATF750LVC Datasheet HTML 8Page - ATMEL Corporation ATF750LVC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
1447F–PLD–11/08
ATF750LVC
3.
Pin Configurations
Each of the ATF750LVC’s 22 logic pins can be used as an input. Ten of these can be used as
inputs, outputs or bi-directional I/O pins. Each flip-flop is individually configurable as either
D- or T-type. Each flip-flop output is fed back into the array independently. This allows burying
of all the sum terms and flip-flops.
There are 171 total product terms available. There are two sum terms per output, providing
added flexibility. A variable format is used to assign between four to eight product terms per
sum term. Much more logic can be replaced by this device than by any other 24-pin PLD. With
20 sum terms and flip-flops, complex state machines are easily implemented with logic to
spare.
Product terms provide individual clocks and asynchronous resets for each flip-flop. Each flip-
flop may also be individually configured to have direct input pin controlled clocking. Each out-
put has its own enable product term. One product term provides a common synchronous
preset for all flip-flops. Register preload functions are provided to simplify testing. All registers
automatically reset upon power-up.
Pin Name
Function
CLK
Clock
IN
Logic Inputs
I/O
Bi-directional Buffers
GND
Ground
VCC
3V to 5.5V Supply
3.1
PLCC
Note:
1. For PLCC, pins 1, 8, 15, and 22 can
be left unconnected. For superior
performance, connect VCC to pin 1
and GND to pins 8, 15, and 22.
3.2
DIP/SOIC/TSSOP
5
6
7
8
9
10
11
25
24
23
22
21
20
19
IN
IN
IN
GND(1)
IN
IN
IN
I/O
I/O
I/O
GND(1)
I/O
I/O
I/O
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLK/IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com