Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1504AS Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF1504AS
Description  Highperformance Complex Programmable Logic Device
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF1504AS Datasheet HTML 17Page - ATMEL Corporation ATF1504AS Datasheet HTML 18Page - ATMEL Corporation ATF1504AS Datasheet HTML 19Page - ATMEL Corporation ATF1504AS Datasheet HTML 20Page - ATMEL Corporation ATF1504AS Datasheet HTML 21Page - ATMEL Corporation ATF1504AS Datasheet HTML 22Page - ATMEL Corporation ATF1504AS Datasheet HTML 23Page - ATMEL Corporation ATF1504AS Datasheet HTML 24Page - ATMEL Corporation ATF1504AS Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
21
ATF1504AS(L)
0950O–PLD–7/05
ATF1504AS I/O Pinouts
MC
PLC
44-
lead
PLCC
44-
lead
TQFP
68-
lead
PLCC
84-
lead
PLCC
100-
lead
PQFP
100-
lead
TQFP
MC
PLC
44-
lead
PLCC
44-
lead
TQFP
68-
lead
PLCC
84-
lead
PLCC
100-
lead
PQFP
100-
lead
TQFP
1
A
12
6
18
22
16
14
33
C
24
18
36
44
42
40
2
A
–
–
–
21
15
13
34
C
–
–
–
45
43
41
3
A/
PD1
11
5
17
20
14
12
35
C/
PD2
25
19
37
46
44
42
4
A
9
3
15
18
12
10
36
C
26
20
39
48
46
44
5
A
8
2
14
17
11
9
37
C
27
21
40
49
47
45
6
A
–
–
13
16
10
8
38
C
–
–
41
50
48
46
7
A
–
–
–
15
8
6
39
C
–
–
–
51
49
47
8/
TDI
A
7
1
12
14
6
4
40
C
28
22
42
52
50
48
9
A
–
–
10
12
4
100
41
C
29
23
44
54
54
52
10
A
–
–
–
11
3
99
42
C
–
–
–
55
56
54
11
A
6
44
9
10
100
98
43
C
–
–
45
56
58
56
12
A
–
–
8
9
99
97
44
C
–
–
46
57
59
57
13
A
–
–
7
8
98
96
45
C
–
–
47
58
60
58
14
A
5
43
5
6
96
94
46
C
31
25
49
60
62
60
15
A
–––
5
95
93
47
C
–
–
–
61
63
61
16
A
4
42
4
4
94
92
48/
TCK
C
3226
5062
64
62
17
B
21
15
33
41
39
37
49
D
33
27
51
63
65
63
18
B
–
–
–
40
38
36
50
D
–
–
–
64
66
64
19
B
20
14
32
39
37
35
51
D
34
28
52
65
67
65
20
B
19
13
30
37
35
33
52
D
36
30
54
67
69
67
21
B
18
12
29
36
34
32
53
D
37
31
55
68
70
68
22
B
–
–
28
35
33
31
54
D
–
–
56
69
71
69
23
B
–
–
–
34
32
30
55
D
–
–
–
70
73
71
24
B
17
112733
31
29
56/
TDO
D
3832
5771
75
73
25
B
16
10
25
31
27
25
57
D
39
33
59
73
77
75
26
B
–
–
–
30
25
23
58
D
–
–
–
74
78
76
27
B
–
–
24
29
23
21
59
D
–
–
60
75
81
79
28
B
–
–
23
28
22
20
60
D
–
–
61
76
82
80
29
B
–
–
22
27
21
19
61
D
–
–
62
77
83
81
30
B
14
8
20
25
19
17
62
D
40
34
64
79
85
83
31
B
–
–
–
24
18
16
63
D
–
–
–
80
86
84
32/
TMS
B
13
7
19
23
17
15
64
D/
GCLK3
41
35
65
81
87
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com