Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB029SP Datasheet(PDF) 8 Page - STMicroelectronics

Part # VB029SP
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB029SP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VB029SP Datasheet HTML 2Page - STMicroelectronics VB029SP Datasheet HTML 3Page - STMicroelectronics VB029SP Datasheet HTML 4Page - STMicroelectronics VB029SP Datasheet HTML 5Page - STMicroelectronics VB029SP Datasheet HTML 6Page - STMicroelectronics VB029SP Datasheet HTML 7Page - STMicroelectronics VB029SP Datasheet HTML 8Page - STMicroelectronics VB029SP Datasheet HTML 9Page - STMicroelectronics VB029SP Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
VB029 / VB029SP / VB029(011Y) / VB029(012Y)
1
P023H1
1
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.30
4.80
0.169
0.189
C
1.17
1.37
0.046
0.054
D
2.40
2.80
0.094
0.11
E
0.35
0.55
0.014
0.022
F
0.60
0.80
0.024
0.031
G1
4.91
5.21
0.193
0.205
G2
7.49
7.80
0.295
0.307
H1
9.30
9.70
0.366
0.382
H2
10.40
0.409
H3
10.05
10.40
0.396
0.409
L1
3.90
4.50
0.154
0.177
L2
15.10
16.10
0.594
0.634
L3
4.80
5.40
0.189
0.213
L5
2.60
3.00
0.102
0.118
L6
15.10
15.80
0.594
0.622
L7
6.00
6.60
0.236
0.26
R
0.5
V2
30
° (typ)
V4
90
° (typ)
DIA
3.65
3.85
0.144
0.152
PENTAWATT HV 011Y (horizontal) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com