Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB125SP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VB125SP
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB125SP Datasheet(HTML) 3 Page - STMicroelectronics

  VB125SP Datasheet HTML 1Page - STMicroelectronics VB125SP Datasheet HTML 2Page - STMicroelectronics VB125SP Datasheet HTML 3Page - STMicroelectronics VB125SP Datasheet HTML 4Page - STMicroelectronics VB125SP Datasheet HTML 5Page - STMicroelectronics VB125SP Datasheet HTML 6Page - STMicroelectronics VB125SP Datasheet HTML 7Page - STMicroelectronics VB125SP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
VB125SP
ELECTRICAL CHARACTERISTICS (Vbat = 6 to 24V; -40°C<Tj<125°C; Rcoil = 400 to 700m
; Lcoil =2
to
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCL
High Voltage Clamp
IC = 6.5 A; (See Note 2)
340
370
400
V
V
CE(sat)
Saturation Voltage of the Power
Stage
IC = 5A; Vin = 4V (See Note 3)
2
V
I
CC(off)
Power Off Supply Current
Vin=0.4V Vbat= 14V(Notes 4-5)
Vin=0.4V Vbat =24 V
20
80
mA
mA
ICC(on)
Power On Supply Current
VIn =4 V Vbat<14V (Note 4-5)
Vin =4 V
Vbat =24 V
220
300
mA
mA
ICL
Coil Current Limit
Vin = 4 V (See Note 6-7)
8
10
A
VinH
High Level Input Voltage
4
V
V
inL
Low Level Input Voltage
0.8
V
VIN(hyst.)
Input Hysteresis Voltage
0.4
V
IinH
High Level Input Current
Vin = 4 V
10
150
µA
I
inL
Low Level Input Current
Vin = 0.8 V
-100
µA
VdiagH
High Level Diagnostic Output
Voltage
REXT =22 K
CEXT =1 nF
(See Note 8)
3.5
5.5
V
VdiagL
Low Level Diagnostic Output
Voltage
REXT =22 K
CEXT =1 nF
(See Note 8)
0.5
V
IdiagTH
Current Threshold Level Diag-
nostic
Tj =25°C (See Note 7and fig. 5)
4.25
4.5
4.75
A
I
diag
High Level Flag Output Current
IC>IDiagTH (See Note 7)
0.5
mA
Idiag(leak)
Leakage Current on Flag Output
Vin =LOW
10
µA
VF
Antipallel Diode Forward Voltage IC =-1 A
2
V
E
s/b
Single Pulse Avalanche Energy
300
mJ
Tj
Thermal Output Current Control
IN = ON (See Note 9)
150
°C
t
d(on)
Turn-on Delay Time of Output
Current
(See Note 10)
TBD
µs
t
d(off)
Turn-off Delay Time of Output
Current
(See Note 11)
TBD
µs
t
d(off)
Turn-off Delay Time of Output
Current
(See Note 11)
TBD
µs
Ω
Ω
Ω
nVZ
HVC
PWR GND
VCE [V]
10
20
30
40
IC [mA]
slope
∝ ∑Ri
FIGURE 1: Temperature Compensated High
Voltage Clamp
Shown in Figure 1
Rsens
100
200
300
400
nVZ
VCL
Rii
Ri1
KVbe
6mH; unless otherwise specified; See Note 1)
FIGURE 2: Electrical Characteristic of the Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com