Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1502BE Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF1502BE
Description  Highperformance CPLD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502BE Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF1502BE Datasheet HTML 1Page - ATMEL Corporation ATF1502BE Datasheet HTML 2Page - ATMEL Corporation ATF1502BE Datasheet HTML 3Page - ATMEL Corporation ATF1502BE Datasheet HTML 4Page - ATMEL Corporation ATF1502BE Datasheet HTML 5Page - ATMEL Corporation ATF1502BE Datasheet HTML 6Page - ATMEL Corporation ATF1502BE Datasheet HTML 7Page - ATMEL Corporation ATF1502BE Datasheet HTML 8Page - ATMEL Corporation ATF1502BE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
3492A–PLD–12/05
ATF1502BE
Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• Outputs Can Be Configured for High or Low Drive
• Combinatorial Output with Registered Feedback and Vice Versa within each Macrocell
• Three Global Clock Pins
• Fast Registered Input from Product Term
• Pull-up Option on TMS and TDI JTAG Pins
• OTF (On-the-Fly) Mode
• DRA (Direct Reconfiguration Access)
1.
Description
The ATF1502BE is a high-performance, high-density complex programmable logic device
(CPLD) that utilizes Atmel’s proven electrically-erasable technology. With 32 logic macrocells
and up to 36 inputs, it easily integrates logic from several TTL, SSI, MSI, LSI and classic PLDs.
The ATF1502BE’s enhanced routing switch matrices increase usable gate count and the odds
of successful pin-locked design modifications.
The ATF1502BE has up to 32 bi-directional I/O pins and four dedicated input pins, depending on
the type of device package selected. Each dedicated pin can also serve as a global control sig-
nal, register clock, register reset or output enable. Each of these control signals can be selected
for use individually within each macrocell. Figure 1-1 shows the pin assignments for 44-lead
TQFP Package.
Figure 1-1.
44-lead TQFP Top View
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
I/O/TDI
I/O
I/O
GND
PD1/I/O
I/O
TMS/I/O
I/O
VCCIOA
I/O
I/O
I/O
I/O/TDO
I/O
I/O
VCCIOB
I/O
I/O
I/O/TCK
I/O
GND
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com