Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA01 Datasheet(PDF) 4 Page - Cirrus Logic

Part # SA01
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA01 Datasheet(HTML) 4 Page - Cirrus Logic

  SA01_07 Datasheet HTML 1Page - Cirrus Logic SA01_07 Datasheet HTML 2Page - Cirrus Logic SA01_07 Datasheet HTML 3Page - Cirrus Logic SA01_07 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
SA01 • SA01-6
OPERATING
CONSIDERATIONS
GENERAL
Please read Application Note 30 on "PWM Basics". Refer
to Application Note 1 "General Operating Considerations" for
helpful information regarding power supplies, heat sinking and
mounting. Visit www.apexmicrotech.com for design tools that
help automate pwm filter design; heat sink selection; Apex’s
complete Application Notes library; Technical Seminar Work-
book; and Evaluation Kits.
CURRENT LIMIT
The current limit function sets a peak limit on current flow in
pin 8 (Isense). This limits load current and also limits current in
the event of a short of either output to +Vs. This circuit can trip
anytime during the conduction period and will hold the output
transistors off for the remainder of that conduction period.
For proper operation the current limit sense resistor must
be connected as shown in the external connection diagram.
It is recommended that the resistor be a non-inductive type.
Load current flows in pin 8. No current flows in pin 10 (Shut-
down/filter) so no error will be introduced by the length of
the connection to pin 10. However, the voltage at pin 10 is
compared to GND (pin 4) and an error could be introduced if
the grounded end of R
LIMIT is not directly tied to pin 4. Good
circuit board layout practice would be to connect R
LIMIT directly
between pins 8 and 4.
Switching noise spikes will invariably be found at pin 8. The
amplitude and duration will be load dependent. The noise
spikes could trip the current limit threshold which is only 200
mV. R
FILTER and CFILTER should be adjusted so as to reduce the
switching noise well below 200 mV to prevent false current
limiting. The sum of the DC level plus the noise peak will de-
termine the current limiting value. Suggested starting values
are C
FILTER = .01µF, RFILTER = 5k.
The required value of R
LIMIT may be calculated by:
R
LIMIT = .2 V / ILIMIT
where R
LIMIT is the required resistor value, and ILIMIT is the
maximum desired current.
SHUTDOWN
The shutdown circuitry makes use of the internal current
limiting circuitry. The two functions may be externally combined
as shown below in Figure 1. R
LIMIT will normally be a very low
value resistor and can be considered zero for this application.
R
SD and RFILTER form a voltage divider for the shutdown signal.
After a suitable noise filter is designed for the current limit
adjust the value of R
SD to give 317 mV of shutdown signal at
pin 10 when the shutdown signal is high. This means pin 10
will reach the 200 mV trip point in about one time constant with
low output current and
less time as output current
increases. The voltage at
pin 10 is referenced to pin
4 (GND). C
FILTER will filter
both the current limit noise
spikes and the shutdown
signal. Shutdown and
current limit operate on
each cycle of the internal
switching rate. As long as
the shutdown signal is high the output will be disabled.
PROTECTION CIRCUITS
There are two conditions which will latch all the output transis-
tors off. The first of these conditions is activation of the high side
current limit. Specifically, current in pin 7 (+V
S) is monitored.
The DC trip level is about 35A and response time about 5us.
As actual currents increase the response time decreases.
The external fault generally associated with this condition is
shorting one of the outputs to ground. However, a load fault
can also activate this high side current limit if the current rise
time is less than the response time of the filter discussed under
“Current Limit”. The second of these conditions is activation of
any of the four output transistor over-temperature sensors at
about 165°C. Ambient temperature, air flow, amplifier mounting
problems and all the previously mentioned high current faults
contribute to junction temperature. When either of these pro-
tection circuits are activated, the root fault must be corrected
and power cycled to restore normal operation.
DEAD TIME
There is a dead time between the on and off of each out-
put. The dead time removes the possibility of a momentary
conduction path through the upper and lower transistors of
each half bridge output during the switching interval. During
the dead time all output transistors are off. Noise or flyback
may be observed at the outputs during this time due to the
high impedance of the outputs in the off state. This will vary
with the nature of the load.
ERROR AMPLIFIER
The internal error amplifier is an operational amplifier. For
highest loop accuracy it is best to configure the op amp as
an integrator (See Figure 2). Feedback can be adjusted with
appropriate poles and zeroes to properly compensate the
velocity loop for optimum stability.
The op amp is operated from a single supply voltage gener-
ated internally. The non-inverting input of the op amp does not
have a common mode range which includes ground. R2 and
R7 are used with the reference voltage provided at pin 5 to
bias the non-inverting input to +5 volts, which is approximately
half of the voltage supplied internally to the op amp. Similarly,
R1 and the parallel combination of R5 R6 are selected to bias
the inverting input also at +5 volts. Resistors R1 R2 must be
matched. Likewise the parallel combination of R5 R6 must
be matched with R7. The source impedances of the tach
and the signal source may affect the matching and should be
considered in the design.
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
SA01U REV H MARCH 2007 © 2007 Apex Microtechnology Corp.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com