Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB921 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB921
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB921 Datasheet(HTML) 1 Page - STMicroelectronics

  VB921 Datasheet HTML 1Page - STMicroelectronics VB921 Datasheet HTML 2Page - STMicroelectronics VB921 Datasheet HTML 3Page - STMicroelectronics VB921 Datasheet HTML 4Page - STMicroelectronics VB921 Datasheet HTML 5Page - STMicroelectronics VB921 Datasheet HTML 6Page - STMicroelectronics VB921 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 2000
1/7
®
VB921ZVFI
/ VB921ZVSP
HIGH VOLTAGE IGNITION COIL DRIVER
POWER I.C.
n NO EXTERNAL COMPONENT REQUIRED
n INTEGRATED HIGH VOLTAGE CLAMP
n COIL CURRENT LIMIT INTERNALLY SET
n HIGH RUGGEDNESS
DESCRIPTION
The VB921ZVFI, VB921ZVSP is a monolithic high
voltage
integrated
circuit
made
using
the
STMicroelectronics VIPower™ M1-2 technology,
which combines a vertical current flow power
trilinton with a coil current limiting circuit and a
collector
voltage
clamping.
The
device
is
particularly
suitable
for
application
in
high
performance electronic car ignition, where coil
current limitation and voltage clamping are
required.
TYPE
Vcl
Icl
Vcg(sat)
VB921ZVFI
VB921ZVSP
340V
7.5A
2.5V
1
ISOWATT220
BLOCK DIAGRAM
PowerSO-10™
1
10
1
2
3
GND
ND8012
CONTROL
UNIT
R
SENSE
VIN
HVc
ORDER CODES:
ISOWATT220
POWERSO-10™
VB921ZVFI
VB921ZVSP


Similar Part No. - VB921

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB922 STMICROELECTRONICS-VB922 Datasheet
67Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Oct-1998
logo
VBsemi Electronics Co.,...
VB9220 VBSEMI-VB9220 Datasheet
582Kb / 8P
Dual N-Channel MOSFET
VB9220 VBSEMI-VB9220 Datasheet
594Kb / 8P
Dual N-Channel MOSFET
VB9220 VBSEMI-VB9220_V01 Datasheet
594Kb / 8P
Dual N-Channel MOSFET
logo
STMicroelectronics
VB923 STMICROELECTRONICS-VB923 Datasheet
58Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Oct-1998
More results

Similar Description - VB921

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB027 STMICROELECTRONICS-VB027 Datasheet
74Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027BSP STMICROELECTRONICS-VB027BSP Datasheet
62Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB027SP STMICROELECTRONICS-VB027SP Datasheet
60Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jun-1999
VB029 STMICROELECTRONICS-VB029 Datasheet
88Kb / 10P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jul-1999
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
Mar-1999
VB325 STMICROELECTRONICS-VB325 Datasheet
190Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
rev. A
VB326 STMICROELECTRONICS-VB326 Datasheet
193Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C
Nov-2003
VB927T STMICROELECTRONICS-VB927T Datasheet
40Kb / 5P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Jan-2003
VB325SPTR-E STMICROELECTRONICS-VB325SPTR-E Datasheet
197Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Nov-2003
VB325SP-E STMICROELECTRONICS-VB325SP-E Datasheet
226Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com