Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER100BSP Datasheet(PDF) 14 Page - STMicroelectronics

Part # VIPER100BSP
Description  SMPS PRIMARY I.C.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER100BSP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VIPER100BSP Datasheet HTML 10Page - STMicroelectronics VIPER100BSP Datasheet HTML 11Page - STMicroelectronics VIPER100BSP Datasheet HTML 12Page - STMicroelectronics VIPER100BSP Datasheet HTML 13Page - STMicroelectronics VIPER100BSP Datasheet HTML 14Page - STMicroelectronics VIPER100BSP Datasheet HTML 15Page - STMicroelectronics VIPER100BSP Datasheet HTML 16Page - STMicroelectronics VIPER100BSP Datasheet HTML 17Page - STMicroelectronics VIPER100BSP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
used. It mixes a high performance compensation
network together with a separate high value soft
start capacitor. Both soft start time and regulation
loop bandwidth can be adjusted separately.
If the device is intentionally shut down by putting
the COMP pin to ground, the device is also
performing start-up cycles, and the VDD voltage is
oscillating between VDDon and VDDoff. This voltage
can be used for supplying external functions,
provided that their consumption doesn’t exceed
0.5mA. Figure 17 shows a typical application of
this function, with a latched shut down. Once the
”Shutdown” signal has been activated, the device
remains in the off state until the input voltage is
removed.
TRANSCONDUCTANCE ERROR AMPLIFIER
The VIPer100B/BSP includes a transconductance
error amplifier. Transconductance Gm is the
change in output current (ICOMP) versus change
in input voltage (VDD). Thus:
Gm
=
∂ ICOMP
∂ VDD
The output impedance ZCOMP at the output of this
amplifier (COMP pin) can be defined as:
ZCOMP
=
∂ VCOMP
∂ ICOMP
=
1
Gm
x
∂ VCOMP
∂ VDD
This last equation shows that the open loop gain
AVOL can be related to Gm and ZCOMP:
AVOL =Gm xZCOMP
where Gm value for VIPer100B/BSP is 1.5 mA/V
typically.
Gm is well defined by specification, but ZCOMP
and
therefore
AVOL
are
subject
to
large
tolerances. An impedance Z can be connected
between the COMP pin and ground in order to
define more accurately the transfer function F of
the error amplifier, according to the following
equation, very similar to the one above:
F(S) = Gm x Z(S)
The
error
amplifier
frequency
response
is
reported in figure 10 for different values of a
simple resistance connected on the COMP pin.
The unloaded transconductance error amplifier
shows an internal ZCOMP of about 330 K
Ω. More
complex impedance can be connected on the
COMP pin to achieve different compensation
laws. A capacitor will provide an integrator
function, thus eliminating the DC static error, and
a resistance in series leads to a flat gain at higher
frequency, insuring a correct phase margin. This
configuration is illustrated on figure 18.
As shown in figure 18 an additional noise filtering
capacitor of 2.2 nF is generally needed to avoid
any high frequency interference.
It can be also interesting to implement a slope
compensation when working in continuous mode
with duty cycle higher than 50%. Figure 19 shows
such a configuration. Note that R1 and C2 build
the classical compensation network, and Q1 is
injecting the slope compensation with the correct
polarity from the oscillator sawtooth.
EXTERNAL CLOCK SYNCHRONIZATION:
The
OSC
pin
provides
a
synchronisation
capability,
when
connected to
an
external
Figure 17: Latched Shut Down
-
+
13V
OSC
COMP
SOURCE
DRAIN
VDD
VIPer100B
Shutdown
Q1
Q2
R1
R2
R3
R4
D1
FC00110B
Figure 16: Mixed Soft Start and Compensation
-
+
13V
OSC
COMP
SOURCE
DRAIN
VDD
VIPer100B
R1
C1
+ C2
D1
R2
R3
D2
D3
+ C3
AUXILIARY
WINDING
FC0 013 1B
C4
VIPER100B/BSP
14/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com