Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER12ADIP Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER12ADIP
Description  LOW POWER OFF LINE SMPS PRIMARY SWITCHER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER12ADIP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER12ADIP Datasheet HTML 3Page - STMicroelectronics VIPER12ADIP Datasheet HTML 4Page - STMicroelectronics VIPER12ADIP Datasheet HTML 5Page - STMicroelectronics VIPER12ADIP Datasheet HTML 6Page - STMicroelectronics VIPER12ADIP Datasheet HTML 7Page - STMicroelectronics VIPER12ADIP Datasheet HTML 8Page - STMicroelectronics VIPER12ADIP Datasheet HTML 9Page - STMicroelectronics VIPER12ADIP Datasheet HTML 10Page - STMicroelectronics VIPER12ADIP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
VIPer12ADIP / VIPer12AS
7/15
Figure 6 : Switching Frequency vs Temperature
Figure 7 : Current Limitation vs Temperature
-20
0
20
40
60
80
100
120
Temperature (°C)
0.97
0.98
0.99
1
1.01
Vdd = 10V ... 35V
-20
0
20
40
60
80
100
120
Temperature (°C)
0.94
0.95
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
Vin = 100V
Vdd = 20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com