Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER20B Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER20B
Description  SMPS PRIMARY I.C.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20B Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER20B Datasheet HTML 1Page - STMicroelectronics VIPER20B Datasheet HTML 2Page - STMicroelectronics VIPER20B Datasheet HTML 3Page - STMicroelectronics VIPER20B Datasheet HTML 4Page - STMicroelectronics VIPER20B Datasheet HTML 5Page - STMicroelectronics VIPER20B Datasheet HTML 6Page - STMicroelectronics VIPER20B Datasheet HTML 7Page - STMicroelectronics VIPER20B Datasheet HTML 8Page - STMicroelectronics VIPER20B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ELECTRICAL CHARACTERISTICS (TJ =25
oC, VDD = 13 V, unless otherwise specified)
POWER SECTION
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
BVDSS
Drain-Source Voltage
ID =10 mA
VCOMP = 0 V
400
V
IDSS
Of f-St ate Drain Current VDS =300 V
TJ= 125
oC
VCOMP =0 V
0.6
mA
RDS( on)
St atic Drain Source on
Resistance
ID =0. 9 A
ID =0. 9 A
TJ= 100
oC
7.3
8.7
15.7
Ω
Ω
tf
Fall Time
ID =0. 1 A
Vin =300 V(1)
(see fig. 3)
80
ns
tr
Rise Time
ID =0. 9 A
Vin = 300 V (1)
(see fig. 3)
50
ns
COSS
Output Capacit ance
VDS =25 V
90
pF
(1) On Inductive Load, Clamped.
SUPPLY SECTION
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
IDDch
St art -up Charging
Current
VDD =0 to VDDon
VDS =70 V
(see fig. 2)
-2
mA
IDD0
Operat ing Supply
Current
VDD =12 V, FSW =0 KHz
(see fig. 2)
12
T BD
mA
IDD1
Operat ing Supply
Current
VDD =12 V, FSW =100 KHz
13
mA
IDD2
Operat ing Supply
Current
VDD =12 V, FSW =200 KHz
14
mA
VDDo ff
Undervolt age
Shutdown
(see fig. 2)
8
V
VDDo n
Undervolt age Reset
(see fig. 2)
11
12
V
VDDhyst
Hysteresis St art-up
(see fig. 2)
2. 4
3
V
OSCILLATOR SECTION
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
FSW1
Oscillator Frequency
Initial Accuracy
RT =8.2 K
Ω
CT =2.4 nF
(see fig.7)
90
100
110
KHz
FSW2
Oscillator Frequency
Total Variation
RT =8.2 K
Ω
CT =2. 4 nF
VDD =9 to15 V
TJ = 0 to 100
o C
80
100
120
KHz
VOSCih
Oscillator Peak Volt age
7.1
V
VOSCil
Oscillator Valley
Voltage
3.7
V
VIPer20B / VIPer20BSP
4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com