Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF321A Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT25DF321A
Description  32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF321A Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT25DF321A Datasheet HTML 45Page - ATMEL Corporation AT25DF321A Datasheet HTML 46Page - ATMEL Corporation AT25DF321A Datasheet HTML 47Page - ATMEL Corporation AT25DF321A Datasheet HTML 48Page - ATMEL Corporation AT25DF321A Datasheet HTML 49Page - ATMEL Corporation AT25DF321A Datasheet HTML 50Page - ATMEL Corporation AT25DF321A Datasheet HTML 51Page - ATMEL Corporation AT25DF321A Datasheet HTML 52Page - ATMEL Corporation AT25DF321A Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
49
3686C–DFLASH–12/08
AT25DF321A [Preliminary]
14.4
AC Characteristics – Maximum Clock Frequencies
Symbol
Parameter
Min
Max
Units
RapidS and SPI Operation
fMAX
Maximum Clock Frequency for All Operations – RapidS Operation Only
(excluding 0Bh, 03h, 3Bh, and 9F opcodes)
100
MHz
fCLK
Maximum Clock Frequency for All Operations
(excluding 03h and 3Bh opcodes)
85
MHz
fRDLF
Maximum Clock Frequency for 03h Opcode (Read Array – Low Frequency)
50
MHz
fRDDO
Maximum Clock Frequency for 3Bh Opcode (Dual-Output Read)
85
MHz
14.5
AC Characteristics – All Other Parameters
Symbol
Parameter
Min
Max
Units
tCLKH
Clock High Time
4.3
ns
tCLKL
Clock Low Time
4.3
ns
t
CLKR
(1)
Clock Rise Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tCLKF
(1)
Clock Fall Time, Peak-to-Peak (Slew Rate)
0.1
V/ns
tCSH
Chip Select High Time
50
ns
t
CSLS
Chip Select Low Setup Time (relative to Clock)
5
ns
tCSLH
Chip Select Low Hold Time (relative to Clock)
5
ns
t
CSHS
Chip Select High Setup Time (relative to Clock)
5
ns
t
CSHH
Chip Select High Hold Time (relative to Clock)
5
ns
tDS
Data In Setup Time
2ns
t
DH
Data In Hold Time
1ns
t
DIS
(1)
Output Disable Time
5ns
tV
(2)
Output Valid Time
5ns
t
OH
Output Hold Time
2ns
t
HLS
HOLD Low Setup Time (relative to Clock)
5
ns
tHLH
HOLD Low Hold Time (relative to Clock)
5
ns
t
HHS
HOLD High Setup Time (relative to Clock)
5
ns
t
HHH
HOLD High Hold Time (relative to Clock)
5
ns
tHLQZ
(1)
HOLD Low to Output High-Z
5ns
t
HHQX
(1)
HOLD High to Output Low-Z
5ns
t
WPS
(1)(3)
Write Protect Setup Time
20
ns
tWPH
(1)(3)
Write Protect Hold Time
100
ns
t
SECP
(1)
Sector Protect Time (from Chip Select High)
20
ns
tSECUP
(1)
Sector Unprotect Time (from Chip Select High)
20
ns
tLOCK
(1)
Sector Lockdown and Freeze Sector Lockdown State Time (from Chip Select High)
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com