Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF641 Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT25DF641
Description  64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641 Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT25DF641 Datasheet HTML 44Page - ATMEL Corporation AT25DF641 Datasheet HTML 45Page - ATMEL Corporation AT25DF641 Datasheet HTML 46Page - ATMEL Corporation AT25DF641 Datasheet HTML 47Page - ATMEL Corporation AT25DF641 Datasheet HTML 48Page - ATMEL Corporation AT25DF641 Datasheet HTML 49Page - ATMEL Corporation AT25DF641 Datasheet HTML 50Page - ATMEL Corporation AT25DF641 Datasheet HTML 51Page - ATMEL Corporation AT25DF641 Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
48
3680E–DFLASH–12/08
AT25DF641 [Preliminary]
14. Electrical Specifications
14.1
Absolute Maximum Ratings*
Temperature under Bias ............................... -55
° C to +125° C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature .................................... -65
° C to +150° C
All Input Voltages
(including NC Pins)
with Respect to Ground .....................................-0.6V to +4.1V
All Output Voltages
with Respect to Ground .............................-0.6V to VCC + 0.5V
14.2
DC and AC Operating Range
AT25DF641
Operating Temperature (Case)
Ind.
-40
° C to 85° C
VCC Power Supply
2.7V to 3.6V
14.3
DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
ISB
Standby Current
CS, WP, HOLD = V
CC,
all inputs at CMOS levels
25
50
µA
IDPD
Deep Power-down Current
CS, WP, HOLD = V
CC,
all inputs at CMOS levels
510
µA
ICC1
Active Current, Read Operation
f = 100 MHz; I
OUT = 0 mA;
CS = V
IL, VCC = Max
12
19
mA
f = 85 MHz; I
OUT = 0 mA;
CS = V
IL, VCC = Max
10
17
f = 66 MHz; I
OUT = 0 mA;
CS = V
IL, VCC = Max
814
f = 50 MHz; I
OUT = 0 mA;
CS = V
IL, VCC = Max
712
f = 33 MHz; I
OUT = 0 mA;
CS = V
IL, VCC = Max
610
f = 20 MHz; I
OUT = 0 mA;
CS = V
IL, VCC = Max
58
I
CC2
Active Current, Program Operation
CS = V
CC, VCC = Max
12
18
mA
ICC3
Active Current, Erase Operation
CS = VCC, VCC = Max
12
18
mA
I
LI
Input Leakage Current
V
IN = CMOS levels
1
µA
I
LO
Output Leakage Current
V
OUT = CMOS levels
1
µA
VIL
Input Low Voltage
0.3 x VCC
V
V
IH
Input High Voltage
0.7 x V
CC
V
VOL
Output Low Voltage
IOL = 1.6 mA; VCC = Min
0.4
V
VOH
Output High Voltage
IOH = -100 µA; VCC = Min
VCC - 0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com