Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF161 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT26DF161
Description  16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF161 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT26DF161 Datasheet HTML 1Page - ATMEL Corporation AT26DF161 Datasheet HTML 2Page - ATMEL Corporation AT26DF161 Datasheet HTML 3Page - ATMEL Corporation AT26DF161 Datasheet HTML 4Page - ATMEL Corporation AT26DF161 Datasheet HTML 5Page - ATMEL Corporation AT26DF161 Datasheet HTML 6Page - ATMEL Corporation AT26DF161 Datasheet HTML 7Page - ATMEL Corporation AT26DF161 Datasheet HTML 8Page - ATMEL Corporation AT26DF161 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
4
3599G–DFLASH–8/08
AT26DF161
Figure 4-1.
Memory Architecture Diagram
Internal Sectoring for
64KB
32KB
4KB
1-256 Byte
Sector Protection
Block Erase
Block Erase
Block ErasePage Program
Function
(D8h Command)
(52h Command)
(20h Command)
(02h Command)
4KB
1FFFFFh – 1FF000h
256 Bytes
1FFFFFh – 1FFF00h
256 Bytes
1FFEFFh – 1FFE00h
256 Bytes
1FFDFFh – 1FFD00h
4KB
1F8FFFh – 1F8000h
256 Bytes
1FFCFFh – 1FFC00h
4KB
1F7FFFh – 1F7000h
256 Bytes
1FFBFFh – 1FFB00h
256 Bytes
1FFAFFh – 1FFA00h
256 Bytes
1FF9FFh – 1FF900h
4KB
1F0FFFh – 1F0000h
256 Bytes
1FF8FFh – 1FF800h
4KB
1EFFFFh – 1EF000h
256 Bytes
1FF7FFh – 1FF700h
256 Bytes
1FF6FFh – 1FF600h
256 Bytes
1FF5FFh – 1FF500h
4KB
1E8FFFh – 1E8000h
256 Bytes
1FF4FFh – 1FF400h
4KB
1E7FFFh – 1E7000h
256 Bytes
1FF3FFh – 1FF300h
256 Bytes
1FF2FFh – 1FF200h
256 Bytes
1FF1FFh – 1FF100h
4KB
1E0FFFh – 1E0000h
256 Bytes
1FF0FFh – 1FF000h
4KB
1DFFFFh – 1DF000h
256 Bytes
1FEFFFh – 1FEF00h
256 Bytes
1FEEFFh – 1FEE00h
256 Bytes
1FEDFFh – 1FED00h
4KB
1D8FFFh – 1D8000h
256 Bytes
1FECFFh – 1FEC00h
4KB
1D7FFFh – 1D7000h
256 Bytes
1FEBFFh – 1FEB00h
256 Bytes
1FEAFFh – 1FEA00h
256 Bytes
1FE9FFh – 1FE900h
4KB
1D0FFFh – 1D0000h
256 Bytes
1FE8FFh – 1FE800h
4KB
1CFFFFh – 1CF000h
4KB
1C8FFFh – 1C8000h
256 Bytes
0017FFh – 001700h
4KB
1C7FFFh – 1C7000h
256 Bytes
0016FFh – 001600h
256 Bytes
0015FFh – 001500h
256 Bytes
0014FFh – 001400h
4KB
1C0FFFh – 1C0000h
256 Bytes
0013FFh – 001300h
256 Bytes
0012FFh – 001200h
256 Bytes
0011FFh – 001100h
256 Bytes
0010FFh – 001000h
4KB
01FFFFh – 01F000h
256 Bytes
000FFFh – 000F00h
256 Bytes
000EFFh – 000E00h
256 Bytes
000DFFh – 000D00h
4KB
018FFFh – 018000h
256 Bytes
000CFFh – 000C00h
4KB
017FFFh – 017000h
256 Bytes
000BFFh – 000B00h
256 Bytes
000AFFh – 000A00h
256 Bytes
0009FFh – 000900h
4KB
010FFFh – 010000h
256 Bytes
0008FFh – 000800h
4KB
00FFFFh – 00F000h
256 Bytes
0007FFh – 000700h
256 Bytes
0006FFh – 000600h
256 Bytes
0005FFh – 000500h
4KB
008FFFh – 008000h
256 Bytes
0004FFh – 000400h
4KB
007FFFh – 007000h
256 Bytes
0003FFh – 000300h
256 Bytes
0002FFh – 000200h
256 Bytes
0001FFh – 000100h
4KB
000FFFh – 000000h
256 Bytes
0000FFh – 000000h
128KB
(Sector 15)
Block Erase Detail
128KB
(Sector 0)
128KB
(Sector 14)
64KB
Page Program Detail
Page Address
Block Address
Range
Range
64KB
64KB
64KB
64KB
32KB
32KB
32KB
32KB
64KB
32KB
32KB
32KB
32KB
32KB
32KB
32KB
32KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com