Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021D Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT45DB021D
Description  2-megabit 2.7-volt Minimum DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB021D Datasheet(HTML) 5 Page - ATMEL Corporation

  AT45DB021D_08 Datasheet HTML 1Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 2Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 3Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 4Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 5Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 6Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 7Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 8Page - ATMEL Corporation AT45DB021D_08 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5
3638F–DFLASH–4/08
AT45DB021D
6.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from the
SRAM data buffer. The DataFlash supports RapidS protocols for Mode 0 and Mode 3. Please
refer to the “Detailed Bit-level Read Timing” diagrams in this datasheet for details on the clock
cycle sequences for each mode.
6.1
Continuous Array Read (Legacy Command – E8H): Up to 66 MHz
By supplying an initial starting address for the main memory array, the Continuous Array Read
command can be utilized to sequentially read a continuous stream of data from the device by
simply providing a clock signal; no additional addressing information or control signals need to
be provided. The DataFlash incorporates an internal address counter that will automatically
increment on every clock cycle, allowing one continuous read operation without the need of
additional address sequences. To perform a continuous read from the DataFlash standard page
size (264 bytes), an opcode of E8H must be clocked into the device followed by three address
bytes (which comprise the 24-bit page and byte address sequence) and 4 don’t care bytes. The
first 10 bits (PA9 - PA0) of the 19-bit address sequence specify which page of the main memory
array to read, and the last 9 bits (BA8 - BA0) of the 19-bit address sequence specify the starting
byte address within the page. To perform a continuous read from the binary page size (256
bytes), the opcode (E8H) must be clocked into the device followed by three address bytes and 4
don’t care bytes. The first 10 bits (A17 - A8) of the 18-bits sequence specify which page of the
main memory array to read, and the last 8 bits (A7 - A0) of the 18-bits address sequence specify
the starting byte address within the page. The don’t care bytes that follow the address bytes are
needed to initialize the read operation. Following the don’t care bytes, additional clock pulses on
the SCK pin will result in data being output on the SO (serial output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the don’t care
bytes, and the reading of data. When the end of a page in main memory is reached during a
Continuous Array Read, the device will continue reading at the beginning of the next page with
no delays incurred during the page boundary crossover (the crossover from the end of one page
to the beginning of the next page). When the last bit in the main memory array has been read,
the device will continue reading back at the beginning of the first page of memory. As with cross-
ing over page boundaries, no delays will be incurred when wrapping around from the end of the
array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output
pin (SO). The maximum SCK frequency allowable for the Continuous Array Read is defined by
the f
CAR1 specification. The Continuous Array Read bypasses the data buffer and leaves the
contents of the buffer unchanged.
6.2
Continuous Array Read (High Frequency Mode – 0BH): Up to 66 MHz
This command can be used with the serial interface to read the main memory array sequentially
in high speed mode for any clock frequency up to the maximum specified by f
CAR1. To perform a
continuous read array with the page size set to 264 bytes, the CS must first be asserted then an
opcode 0BH must be clocked into the device followed by three address bytes and a dummy
byte. The first 10 bits (PA9 - PA0) of the 19-bit address sequence specify which page of the
main memory array to read, and the last 9 bits (BA8 - BA0) of the 19-bit address sequence spec-
ify the starting byte address within the page. To perform a continuous read with the page size
set to 256 bytes, the opcode, 0BH, must be clocked into the device followed by three address
bytes (A17 - A0) and a dummy byte. Following the dummy byte, additional clock pulses on the
SCK pin will result in data being output on the SO (serial output) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com