Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER20ASP Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER20ASP
Description  SMPS PRIMARY I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20ASP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER20ASP Datasheet HTML 13Page - STMicroelectronics VIPER20ASP Datasheet HTML 14Page - STMicroelectronics VIPER20ASP Datasheet HTML 15Page - STMicroelectronics VIPER20ASP Datasheet HTML 16Page - STMicroelectronics VIPER20ASP Datasheet HTML 17Page - STMicroelectronics VIPER20ASP Datasheet HTML 18Page - STMicroelectronics VIPER20ASP Datasheet HTML 19Page - STMicroelectronics VIPER20ASP Datasheet HTML 20Page - STMicroelectronics VIPER20ASP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17/25
VIPer20/SP/DIP - VIPer20A/ASP/ADIP
1
Figure 23: Recommended Layout
LAYOUT CONSIDERATIONS
Some simple rules insure a correct running of
switching power supplies. They may be classified
into two categories:
- To minimize power loops: the way the switched
power current must be carefully analyzed and
the corresponding paths must present the
smallest possible inner loop area. This avoids
radiated EMC noises, conducted EMC noises
by magnetic coupling, and provides a better
efficiency by eliminating parasitic inductances,
especially on secondary side.
- To use different tracks for low level signals and
power ones. The interferences due to a mixing
of signal and power may result in instabilities
and/or anomalous behavior of the device in
case of violent power surge (Input overvoltages,
output short circuits...).
In case of VIPer, these rules apply as shown in
figure 23. The loops C1-T1-U1, C5-D2-T1, C7-D1-
T1 must be minimized. C6 must be as close as
possible to T1. The signal components C2, ISO1,
C3 and C4 use a dedicated track to be connected
directly to the source of the device.
T1
U1
VIPerXX0
13V
OSC
COMP
SOURCE
DRAIN
VDD
-
+
1
5
2
3
4
C4
C2
C5
C1
D2
R1
R2
D1
C7
C6
C3
ISO1
A…‚€Ãvƒˆ‡
qv‚qr†Ãi…vqtr
U‚Ærp‚qh…’
svy‡r…vtÃhqÃy‚hq
FC00500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com