Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT45DB321D_08 Datasheet HTML 43Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 44Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 45Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 46Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 47Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 48Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 49Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 50Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
47
3597J–DFLASH–4/08
AT45DB321D
26. Ordering Information
26.1
Ordering Code Detail
Notes:
1. The shipping carrier option is not marked on the devices.
2. Standard parts are shipped with the page size set to 528 bytes. The user is able to configure these parts to a 512-byte page
size if desired.
3. Parts ordered with suffix SL954 are shipped in bulk with the page size set to 512 bytes. Parts will have a 954 or SL954
marked on them.
4. Parts ordered with suffix SL955 are shipped in tape and reel with the page size set to 512 bytes. Parts will have a 954 or
SL954 marked on them.
AT 4 5 D
3 2
SS U
1D–
B
Atmel Designator
Product Family
Device Density
32 = 32-megabit
Interface
1 = Serial
Package Option
M
=
8-pad, 6 x 5 x 1 mm MLF (VDFN)
MW
=
8-pad, 8 x 6 x 1 mm MLF (VDFN)
S
=
8-lead, 0.209" wide SOIC
T
=
28-lead, TSOP
Device Grade
U = Matte Sn lead finish, industrial
temperature range (-40°C to +85°C)
Device Revision
26.2
Green Package Options (Pb/Halide-free/RoHS Compliant)
Ordering Code(1)(2)
Package
Lead Finish
Operating Voltage
fSCK (MHz)
Operation Range
AT45DB321D-MU
AT45DB321D-MU-SL954(3)
AT45DB321D-MU-SL955(4)
8M1-A
Matte Sn
2.7V to 3.6V
66
Industrial
(-40
° C to 85° C)
2.7V to 3.6V
AT45DB321D-MWU
AT45DB321D-MWU-SL954(3)
AT45DB321D-MWU-SL955(4)
8MW
AT45DB321D-SU
AT45DB321D-SU-SL954(3)
AT45DB321D-SU-SL955(4)
8S2
AT45DB321D-TU
28T
Package Type
8M1-A
8-pad, 6 x 5 x 1.0 mm, Very Thin Micro Lead-frame Package MLF™ (VDFN)
8MW
8-pad, 8 x 6 x 1.0 mm, Very Thin Micro Lead-frame Package MLF (VDFN)
8S2
8-lead, 0.209" wide, Plastic Gull Wing Small Outline Package (EIAJ SOIC)
28T
28-lead, 8 mm x 13.4 mm, Plastic Thin Small Outline Package, Type I (TSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com