Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER22A Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER22A
Description  LOW POWER OFF LINE SMPS PRIMARY SWITCHER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER22A Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER22A Datasheet HTML 2Page - STMicroelectronics VIPER22A Datasheet HTML 3Page - STMicroelectronics VIPER22A Datasheet HTML 4Page - STMicroelectronics VIPER22A Datasheet HTML 5Page - STMicroelectronics VIPER22A Datasheet HTML 6Page - STMicroelectronics VIPER22A Datasheet HTML 7Page - STMicroelectronics VIPER22A Datasheet HTML 8Page - STMicroelectronics VIPER22A Datasheet HTML 9Page - STMicroelectronics VIPER22A Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
VIPer22ADIP / VIPer22AS
6/15
Figure 4 : Peak Drain Current vs. Feedback Current
Figure 5 : Thermal Shutdown
I
FB
4mH
100V
100V
18V
FB
VDD
DRAIN
SOURCE
CONTROL
VIPer22A
47nF
G
ID
I
Dpea k
∆
I
FB
∆
-----------------------
–
=
ID
IDpeak
t
1/FOSC
IFB
IDpeak
IDlim
IFB
I
FBsd
R
FB
⋅
VFB
The drain current limitation is
obtained for VFB = 0 V, and a
negative current is drawn from
the FB pin. See the Application
section for further details.
0
IFBsd
t
t
VDD
Tj
VDDon
TSD
THYST
Automatic
start up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com