Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1508BE Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF1508BE
Description  Highperformance CPLD
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508BE Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF1508BE Datasheet HTML 1Page - ATMEL Corporation ATF1508BE Datasheet HTML 2Page - ATMEL Corporation ATF1508BE Datasheet HTML 3Page - ATMEL Corporation ATF1508BE Datasheet HTML 4Page - ATMEL Corporation ATF1508BE Datasheet HTML 5Page - ATMEL Corporation ATF1508BE Datasheet HTML 6Page - ATMEL Corporation ATF1508BE Datasheet HTML 7Page - ATMEL Corporation ATF1508BE Datasheet HTML 8Page - ATMEL Corporation ATF1508BE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
3663A–PLD–1/08
ATF1508BE
Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• Outputs Can Be Configured for High or Low Drive
• Combinatorial Output with Registered Feedback and Vice Versa within each Macrocell
• Three Global Clock Pins
• Fast Registered Input from Product Term
• Pull-up Option on TMS and TDI JTAG Pins
• OTF (On-the-Fly) Reconfiguration Mode
• DRA (Direct Reconfiguration Access)
1.
Description
The ATF1508BE is a high-performance, high-density complex programmable logic device
(CPLD) that utilizes Atmel’s proven electrically-erasable memory technology. With 128 logic
macrocells and up to 84 inputs, it easily integrates logic from several TTL, SSI, MSI, LSI and
classic PLDs. The ATF1508BE’s enhanced routing switch matrices increase usable gate count
and the odds of successful pin-locked design modifications.
The ATF1508BE has up to 80 bi-directional I/O pins and four dedicated input pins. Each dedi-
cated input pin can also serve as a global control signal, register clock, register reset or output
enable. Each of these control signals can be selected for use individually within each macrocell.
Figures 1-1 and 1-2 show the pin assignments for the 100-lead TQFP and 132-ball CBGA pack-
ages, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com