Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1508RE Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF1508RE
Description  Highperformance CPLD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508RE Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF1508RE Datasheet HTML 1Page - ATMEL Corporation ATF1508RE Datasheet HTML 2Page - ATMEL Corporation ATF1508RE Datasheet HTML 3Page - ATMEL Corporation ATF1508RE Datasheet HTML 4Page - ATMEL Corporation ATF1508RE Datasheet HTML 5Page - ATMEL Corporation ATF1508RE Datasheet HTML 6Page - ATMEL Corporation ATF1508RE Datasheet HTML 7Page - ATMEL Corporation ATF1508RE Datasheet HTML 8Page - ATMEL Corporation ATF1508RE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
3682A–PLD–10/08
ATF1508RE
Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• Outputs Can Be Configured for High or Low Drive
• Combinatorial Output with Registered Feedback and Vice Versa within each Macrocell
• Three Global Clock Pins
• Fast Registered Input from Product Term
• Pull-up Option on TMS and TDI JTAG Pins
• OTF (On-the-Fly) Reconfiguration Mode
• DRA (Direct Reconfiguration Access)
1.
Description
The ATF1508RE is a high-performance, high-density complex programmable logic device
(CPLD) that utilizes Atmel’s proven electrically-erasable memory technology. With 128 logic
macrocells and up to 84 inputs, it easily integrates logic from several TTL, SSI, MSI, LSI and
classic PLDs. The ATF1508RE’s enhanced routing switch matrices increase usable gate count
and the odds of successful pin-locked design modifications.
The ATF1508RE has up to 80 bi-directional I/O pins, four dedicated input pins, 1 internal voltage
regulator supply input pin (VCCIRI), 6 I/O VCC pins (VCCIOA and VCCIOB), 8 ground pins
(GND and 1 internal voltage regulator output pin (VCCIR0). Each dedicated input pin can also
serve as a global control signal, register clock, register reset or output enable. Each of these
control signals can be selected for use individually within each macrocell. Figures 1-1 and 1-2
show the pin assignments for the 100-lead TQFP and 132-ball CBGA packages, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com