Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN02HSP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN02HSP
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN02HSP Datasheet(HTML) 1 Page - STMicroelectronics

  VN02HSP Datasheet HTML 1Page - STMicroelectronics VN02HSP Datasheet HTML 2Page - STMicroelectronics VN02HSP Datasheet HTML 3Page - STMicroelectronics VN02HSP Datasheet HTML 4Page - STMicroelectronics VN02HSP Datasheet HTML 5Page - STMicroelectronics VN02HSP Datasheet HTML 6Page - STMicroelectronics VN02HSP Datasheet HTML 7Page - STMicroelectronics VN02HSP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VN02HSP
HIGH SIDE SMART POWER SOLID STATE RELAY
®
August 1998
1
10
PowerSO-10
™
™
BLOCK DIAGRAM
TYPE
VDSS
RDS(on)IOUT
VCC
VN02HSP
60 V
0.4
Ω
6 A
36 V
s
OUTPUT CURRENT (CONTINUOUS):
6A @ Tc=25
oC
s
5V LOGIC LEVEL COMPATIBLE INPUT
s
THERMAL SHUT-DOWN
s
UNDER VOLTAGE SHUT-DOWN
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
VERY LOW STAND-BY POWER
DISSIPATION
DESCRIPTION
The VN02HSP is a monolithic devices made
using STMicroelectronics VIPower Technology,
intended for driving resistive or inductive loads
with one side grounded.
Built-in thermal shut-down protects the chip from
over temperature and short circuit.
The input control is 5V logic level compatible.
The open drain diagnostic output indicates open
circuit (no load) and over temperature status.
1/8


Similar Part No. - VN02HSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02H STMICROELECTRONICS-VN02H Datasheet
82Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Mar-1999
VN02H011Y STMICROELECTRONICS-VN02H011Y Datasheet
82Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Mar-1999
VN02H012Y STMICROELECTRONICS-VN02H012Y Datasheet
82Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Mar-1999
More results

Similar Description - VN02HSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02N STMICROELECTRONICS-VN02N Datasheet
193Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN02N-E STMICROELECTRONICS-VN02N-E Datasheet
251Kb / 16P
High side smart power solid state relay
07-Nov-2008
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com