Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5115 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C5115
Description  Low Pin Count 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5115 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C5115 Datasheet HTML 17Page - ATMEL Corporation AT89C5115 Datasheet HTML 18Page - ATMEL Corporation AT89C5115 Datasheet HTML 19Page - ATMEL Corporation AT89C5115 Datasheet HTML 20Page - ATMEL Corporation AT89C5115 Datasheet HTML 21Page - ATMEL Corporation AT89C5115 Datasheet HTML 22Page - ATMEL Corporation AT89C5115 Datasheet HTML 23Page - ATMEL Corporation AT89C5115 Datasheet HTML 24Page - ATMEL Corporation AT89C5115 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
21
AT89C5115
4128G–8051–02/08
Exiting Power-down Mode
Note:
If
VDD was reduced during the Power-down mode, do not exit Power-down mode until
VDD is restored to the normal operating level.
There are two ways to exit the Power-down mode:
1.
Generate an enabled external interrupt.
–
The T89C5115 provides capability to exit from Power-down using INT0#,
INT1#.
Hardware clears PD bit in PCON register which starts the oscillator and
restores the clocks to the CPU and peripherals. Using INTx# input,
execution resumes when the input is released (See Figure 8). Execution
resumes with the interrupt service routine. Upon completion of the interrupt
service routine, program execution resumes with the instruction immediately
following the instruction that activated Power-down mode.
Notes:
1. The external interrupt used to exit Power-down mode must be configured as level
sensitive (INT0# and INT1#) and must be assigned the highest priority. In addition,
the duration of the interrupt must be long enough to allow the oscillator to stabilize.
The execution will only resume when the interrupt is deasserted.
2. Exit from power-down by external interrupt does not affect the SFRs nor the internal
RAM content.
Figure 8. Power-down Exit Waveform Using INT1:0#
2.
Generate a reset.
–
A logic high on the RST pin clears PD bit in PCON register directly and
asynchronously. This starts the oscillator and restores the clock to the CPU
and peripherals. Program execution momentarily resumes with the
instruction immediately following the instruction that activated Power-down
mode and may continue for a number of clock cycles before the internal
reset algorithm takes control. Reset initializes the T89C5115 and vectors the
CPU to address 0000h.
Notes:
1. During the time that execution resumes, the internal RAM cannot be accessed; how-
ever, it is possible for the Port pins to be accessed. To avoid unexpected outputs at
the Port pins, the instruction immediately following the instruction that activated the
Power-down mode should not write to a Port pin or to the external RAM.
2. Exit from power-down by reset redefines all the SFRs, but does not affect the internal
RAM content.
INT1:0#
OSC
Power-down phase
Oscillator restart phase
Active phase
Active phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com