Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN05H Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN05H
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN05H Datasheet(HTML) 4 Page - STMicroelectronics

  VN05H Datasheet HTML 1Page - STMicroelectronics VN05H Datasheet HTML 2Page - STMicroelectronics VN05H Datasheet HTML 3Page - STMicroelectronics VN05H Datasheet HTML 4Page - STMicroelectronics VN05H Datasheet HTML 5Page - STMicroelectronics VN05H Datasheet HTML 6Page - STMicroelectronics VN05H Datasheet HTML 7Page - STMicroelectronics VN05H Datasheet HTML 8Page - STMicroelectronics VN05H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
PROTECTION AND DIAGNOSTICS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSTAT (
•) Status Voltage Output
Low
ISTAT = 1.6 mA
0.4
v
VUSD
Under Voltage Shut
Down
5.5
V
VSCL (
•) Status Clamp Voltage
ISTAT = 10 mA
ISTAT = -10 mA
6
-0.7
V
V
IOV
Over Current
RLOAD < 10 m
Ω
20
A
IAV
Average Current in
Short Circuit
RLOAD < 10 m
Ω
Tc = 85
oC
1.4
A
IOL
Open Load Current
Level
5
180
mA
TTSD
Termal Shut-Down
Temperature
140
oC
TR
Reset Temperature
125
oC
(*) The VIH is internally clamped at 6V about. it is possible to connect thispin to an higher voltage via an external resistor calculated to not
exceed 10 mA at the input pin.
(
•) Status determinaion > 100 µs after the switching edge.
Note 1: Above VCC = 36V the output voltage is clamped to 36V. Power dissipation increases and the device turns off it junction temperature
reaches thermal shutdown temperature.
FUNCTIONAL DESCRIPTION
The device has a diagnostic output which
indicates
open
circuit
(no
load)
and
over
temperature conditions. The output signals are
processed by internal logic.
To protect the device against short circuit and
over-current condition the thermal protection
turns the integrated Power MOS off at a minimum
junction temperature of 140
oC. When the
temperature returns to about 125
oC the switch is
automatically turned on again. To ensur the
protection in all VCC conditions and in all the
junction temperature range it is necessary to limit
the voltage drop across Drain and Source (pin 3
and 5) at 29 V. The device is able to withstand a
load dump according the test pulse 5 at level III of
the ISO TR/1 7631.
Above VCC = 36V the output voltage is clamped
to 36V. Power dissipation increases and the
device turns off if junction temperature reaches
thermal shutdown temperature.
PROTECTING
THE
DEVICE
AGAINST
REVERSE BATTERY
The simplest way to protect the device against a
continuous reverse battery voltage (-26V) is to
insert a Schottky diode between pin 1 (GND) and
ground, as shown in the typical application circuit
(fig. 3).
The consequences of the voltage drop across
this diode are as follows:
- If the input is pulled to power GND, a negative
voltage of -VF is seen by the device. (VIL, VIH
thresholds and VSTAT are increased by VF with
respect to power GND).
- The undervoltage shutdown level is increased
by VF.
If there is no need for the control unit to handle
external analog signals referred to the power
GND, the best approach is to connect the
reference potential of the control unit to node [1]
(see application circuit infig. 4), which becomes
the common signal GND for the whole control
board.
In this way no shift of VIH, VIL and VSTAT takes
place and no negative voltage appears on the
INPUT pin; this solution allows the use of a
standard diode, with a breakdown voltage able to
handle any ISO normalized negative pulses that
occours in the automotive environment.
VN05H
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com