Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 97Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 98Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 99Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 100Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 101Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 102Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 103Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 104Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 188 page
background image
101
4337K–USB–04/08
AT89C5130A/31A-M
Reset Value = 00X0 XXXXb
Not Bit addressable
19.3.5.3
Serial Peripheral Data Register (SPDAT)
The Serial Peripheral Data Register (Table 19-5) is a read/write buffer for the receive data regis-
ter. A write to SPDAT places data directly into the shift register. No transmit buffer is available in
this model.
A Read of the SPDAT returns the value located in the receive buffer and not the content of the
shift register.
Table 19-5.
SPDAT Register
SPDAT - Serial Peripheral Data Register (0C5H)
Reset Value = Indeterminate
R7:R0: Receive data bits
SPCON, SPSTA and SPDAT registers may be read and written at any time while there is no on-
going exchange. However, special care should be taken when writing to them while a transmis-
sion is on-going:
• Do not change SPR2, SPR1 and SPR0
• Do not change CPHA and CPOL
• Do not change MSTR
• Clearing SPEN would immediately disable the peripheral
• Writing to the SPDAT will cause an overflow
4
MODF
Mode Fault
Cleared by hardware to indicate that the SS pin is at appropriate logic level, or has been
approved by a clearing sequence.
Set by hardware to indicate that the SS pin is at inappropriate logic level.
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit
2
-
Reserved
The value read from this bit is indeterminate. Do not set this bit
1
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
Bit Number
Bit
Mnemonic
Description
7
6
5
4
3
2
1
0
R7
R6
R5
R4
R3
R2
R1
R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com