Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 48 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 44Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 45Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 46Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 47Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 48Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 49Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 50Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 51Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 188 page
background image
48
4337K–USB–04/08
AT89C5130A/31A-M
11.5
Hardware Conditions
It is possible to force the controller to execute the bootloader after a Reset with hardware condi-
tions. Depending on the product type (low pin count or high pin count package), there are two
methods to apply the hardware conditions.
11.5.1
High Pin Count Hardware Conditions (PLCC52, QFP64)
For high pin count packages, the hardware conditons (EA = 1, PSEN = 0) are sampled during
the RESET rising edge to force the on-chip bootloader execution (See Figure 27-5 on page
172). In this way the bootloader can be carried out regardless of the user Flash memory content.
It is recommended to pull the PSEN pin down to ground though a 1K resistor to prevent the
PSEN pin from being damaged (see Figure 11-3 below).
Figure 11-3. ISP Hardware conditions
As PSEN is an output port in normal operating mode (running user application or bootloader
code) after reset, it is recommended to release PSEN after rising edge of reset signal.
To ensure correct microcontroller startup, the PSEN pin should not be tied to ground during
power-on (see Figure 11-4 below).
Copy of the Device ID#3: Name and Revision
FFh
61h
Description
Default Value
Address
ALE
EA
VCC
/PSEN
RST
GND
1K
Unconnected
VCC
VSS
VCC
GND
GND
C1
C2
Crystal
GND
XTAL2
XTAL1
Bootloader
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com