Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 167 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 167 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 163Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 164Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 165Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 166Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 167Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 168Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 169Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 170Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 171Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 188 page
background image
167
4337K–USB–04/08
AT89C5130A/31A-M
27.4.4
External Data Memory Characteristics
Table 27-5.
Symbol Description
Table 27-6.
AC Parameters for a Variable Clock (F = 40 MHz)
Symbol
Parameter
T
RLRH
RD Pulse Width
T
WLWH
WR Pulse Width
T
RLDV
RD to Valid Data In
T
RHDX
Data Hold After RD
T
RHDZ
Data Float After RD
T
LLDV
ALE to Valid Data In
T
AVDV
Address to Valid Data In
T
LLWL
ALE to WR or RD
T
AVWL
Address to WR or RD
T
QVWX
Data Valid to WR Transition
T
QVWH
Data set-up to WR High
T
WHQX
Data Hold After WR
T
RLAZ
RD Low to Address Float
T
WHLH
RD or WR High to ALE high
Symbol
Min
Max
Units
T
RLRH
130
ns
T
WLWH
130
ns
T
RLDV
100
ns
T
RHDX
0
ns
T
RHDZ
30
ns
T
LLDV
160
ns
T
AVDV
165
ns
T
LLWL
50
100
ns
T
AVWL
75
ns
T
QVWX
10
ns
T
QVWH
160
ns
T
WHQX
15
ns
T
RLAZ
0
ns
T
WHLH
10
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com