Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 183 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 183 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 179Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 180Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 181Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 182Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 183Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 184Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 185Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 186Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 187Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 188 page
background image
183
4337K–USB–04/08
AT89C5130A/31A-M
30. Datasheet Revision History
30.1
Changes from 4337F to 4337G
1.
Added warning regarding hardware conditions on startup, see page 48.
30.2
Changes from 4337G to 4337H
1.
Hardware Conditions section Page 46 changed to recommend the use of 1K pull-up
between PSEN and GND in ISP mode.
2.
Updated 52-lead PLCC package drawing.
30.3
Changes from 4337H to 4337I
1.
Correction to Kbit/s value See “Two Wire Interface (TWI)” on page 102.
2.
Package Drawings updated.
30.4
Changes from 4337I to 4337J
1.
Removed non ‘Green’ part numbers from ordering information on page 177.
30.5
Changes from 4337J to 4337K
1.
Corrected package drawing “32-lead QFN” on page 181.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com