Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP910 Datasheet(PDF) 41 Page - Altera Corporation

Part # EP910
Description  The Altera Classic device family offers a solution to high-speed, lowpower logic integration. Fabricated on advanced CMOS technology
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP910 Datasheet(HTML) 41 Page - Altera Corporation

Back Button EP910 Datasheet HTML 34Page - Altera Corporation EP910 Datasheet HTML 35Page - Altera Corporation EP910 Datasheet HTML 36Page - Altera Corporation EP910 Datasheet HTML 37Page - Altera Corporation EP910 Datasheet HTML 38Page - Altera Corporation EP910 Datasheet HTML 39Page - Altera Corporation EP910 Datasheet HTML 40Page - Altera Corporation EP910 Datasheet HTML 41Page - Altera Corporation EP910 Datasheet HTML 42Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
Altera Corporation
785
Classic EPLD Family Data Sheet
Notes to tables:
(1)
These values are specified in Table 24 on page 781.
(2)
The non-Turbo adder must be added to this parameter when the Turbo Bit option is off.
(3)
Measured with a device programmed as four 12-bit counters.
(4)
Sample-tested only. This parameter is a guideline based on extensive device characterization. This parameter
applies for both global and array clocking.
(5)
The fMAX values represent the highest frequency for pipelined data.
(6)
Sample-tested only for an output change of 500 mV.
Pin-Out
Information
Table 32 provides pin-out information for EP1810 devices in 68-pin PGA
packages.
Table 32. EP1810 PGA Pin-Outs
Pin
Function
Pin
Function
Pin
Function
Pin
Function
A2
I/O
B9
I/O
F10
GND
K4
INPUT
A3
I/O
B10
I/O
F11
I/O
K5
INPUT
A4
I/O
B11
I/O
G1
I/O
K6
VCC
A5
INPUT
C1
I/O
G2
I/O
K7
INPUT
A6
CLK4
/INPUT
C2
I/O
G10
I/O
K8
INPUT
A7
CLK3
/INPUT
C10
I/O
G11
I/O
K9
I/O
A8
INPUT
C11
I/O
H1
I/O
K10
I/O
A9
I/O
D1
I/O
H2
I/O
K11
I/O
A10
I/O
D2
I/O
H10
I/O
L2
I/O
B1
I/O
D10
I/O
H11
I/O
L3
I/O
B2
I/O
D11
I/O
J1
I/O
L4
INPUT
B3
I/O
E1
I/O
J2
I/O
L5
CLK1
/INPUT
B4
INPUT
E2
I/O
J10
I/O
L6
CLK2
/INPUT
B5
INPUT
E10
I/O
J11
I/O
L7
INPUT
B6
VCC
E11
I/O
K1
I/O
L8
I/O
B7
INPUT
F1
I/O
K2
I/O
L9
I/O
B8
INPUT
F2
GND
K3
I/O
L10
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com