Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCS502PWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCS502PWR
Description  Crystal Oscillator / Clock Generator with optional SSC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCS502PWR Datasheet(HTML) 2 Page - Texas Instruments

  CDCS502PWR Datasheet HTML 1Page - Texas Instruments CDCS502PWR Datasheet HTML 2Page - Texas Instruments CDCS502PWR Datasheet HTML 3Page - Texas Instruments CDCS502PWR Datasheet HTML 4Page - Texas Instruments CDCS502PWR Datasheet HTML 5Page - Texas Instruments CDCS502PWR Datasheet HTML 6Page - Texas Instruments CDCS502PWR Datasheet HTML 7Page - Texas Instruments CDCS502PWR Datasheet HTML 8Page - Texas Instruments CDCS502PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DESCRIPTION
PACKAGE
SSC_SEL 0
1
8
XOUT
SSC_SEL 1
2
7
FS
GND
3
6
OUT
XIN
4
5
CDCS502
VDD
CDCS502
SCAS868 – DECEMBER 2008........................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The CDCS502 is a spread spectrum capable, fundamental mode crystal oscillator with selectable frequency
multiplication.
It features an advanced gain controlled fundamental mode crystal oscillator stage with a built-in load capacitance
of 10pF. This oscillator stage accepts crystals from 8MHz to 32MHz with an ESR of up to 180
Ω. The stage can
be used with crystals with power dissipation of 50
µW and up.
The input signal is processed by a PLL, whose output frequency is either equal to the input frequency or
multiplied by the factor of 4.
The PLL is also able to spread the clock signal by ±0%, ±0.5%, ±1% or ±2% centered around the output clock
frequency with an triangular modulation.
By this, the device can generate output frequencies between 8MHz and 108MHz with or without SSC from a
fundamental mode crystal.
In x1 Mode with an SSC amount of 0%, the device works as a standard crystal oscillator and does not make use
of the built in PLL.
The CDCS502 operates in 3.3V environment.
It is characterized for operation from –40°C to 85°C. It is offered in an 8 Pin TSSOP package.
FUNCTION TABLE
FS
SSC_SEL 0
SSC_SEL 1
SSC Amount
fOUT/fIN
fOUT at fin = 27 MHz
0
0
0
±0.00%
1
27 MHz(1)
0
0
1
±0.50%
1
27 MHz
0
1
0
±1.00%
1
27 MHz
0
1
1
±2.00%
1
27 MHz
1
0
0
±0.00%
4
108 MHz
1
0
1
±0.50%
4
108 MHz
1
1
0
±1.00%
4
108 MHz
1
1
1
±2.00%
4
108 MHz
(1)
In this mode the signal from the crystal bypasses the internal PLL for maximum performance.
PIN FUNCTIONS
SIGNAL
PIN
TYPE
DESCRIPTION
XIN
1
I
Crystal Input
XOUT
8
O
Crystal Output
OUT
6
O
LVCMOS Clock Output
SSC_SEL 0, 1
2, 3
I
Spread Selection Pins, internal pull-up
FS
5
I
Frequency Multiplication Selection, internal pull-up
VDD
7
Power
3.3V Power Supply
GND
4
Ground
Ground
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCS502



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com