Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 126 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 126 Page - ATMEL Corporation

Back Button AT89C5131A-RDTIL Datasheet HTML 122Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 123Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 124Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 125Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 126Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 127Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 128Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 129Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 186 page
background image
126
AT89C5131A-L
4338F–USB–08/07
Control Transactions
Setup Stage
The DIR bit in the UEPSTAX register will be at 0.
Receiving Setup packets is the same as receiving Bulk Out packets, except that the
RXSETUP bit in the UEPSTAX register is set by the USB controller instead of the
RXOUTB0 bit to indicate that an Out packet with a Setup PID has been received on the
Control endpoint. When the RXSETUP bit has been set, all the other bits of the UEP-
STAX register are cleared and an interrupt is triggered if enabled.
The firmware has to read the Setup request stored in the Control endpoint FIFO before
clearing the RXSETUP bit to free the endpoint FIFO for the next transaction.
Data Stage: Control Endpoint
Direction
The data stage management is similar to Bulk management.
A Control endpoint is managed by the USB controller as a full-duplex endpoint: IN and
OUT. All other endpoint types are managed as half-duplex endpoint: IN or OUT. The
firmware has to specify the control endpoint direction for the data stage using the DIR bit
in the UEPSTAX register.
The firmware has to use the DIR bit before data IN in order to meet the data-toggle
requirements:
•
If the data stage consists of INs,
the firmware has to set the DIR bit in the UEPSTAX register before writing into the
FIFO and sending the data by setting to 1 the TXRDY bit in the UEPSTAX register.
The IN transaction is complete when the TXCMPL has been set by the hardware.
The firmware will clear the TXCMPL bit before any other transaction.
•
If the data stage consists of OUTs,
the firmware has to leave the DIR bit at 0. The RXOUTB0 bit is set by hardware
when a new valid packet has been received on the endpoint. The firmware must
read the data stored into the FIFO and then clear the RXOUTB0 bit to reset the
FIFO and to allow the next transaction.
To send a STALL handshake, see “STALL Handshake” on page 129.
Status Stage
The DIR bit in the UEPSTAX register will be reset at 0 for IN and OUT status stage.
The status stage management is similar to Bulk management.
•
For a Control Write transaction or a No-Data Control transaction, the status stage
consists of a IN Zero Length Packet (see “Bulk/Interrupt IN Transactions in
Standard Mode” on page 124). To send a STALL handshake, see “STALL
Handshake” on page 129.
•
For a Control Read transaction, the status stage consists of a OUT Zero Length
Packet (see “Bulk/Interrupt OUT Transactions in Standard Mode” on page 122).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com