Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTIL Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT89C5131A-RDTIL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTIL Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89C5131A-RDTIL Datasheet HTML 1Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 2Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 3Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 4Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 5Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 6Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 7Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 8Page - ATMEL Corporation AT89C5131A-RDTIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 186 page
background image
2
AT89C5131A-L
4338F–USB–08/07
Description
AT89C5131A-L is a high-performance Flash version of the 80C51 single-chip 8-bit
microcontrollers with full speed USB functions.
AT89C5131A-L features a full-speed USB module compatible with the USB specifica-
tions Version 1.1 and 2.0. This module integrates the USB transceivers with a 3.3V
voltage regulator and the Serial Interface Engine (SIE) with Digital Phase Locked Loop
and 48 MHz clock recovery. USB Event detection logic (Reset and Suspend/Resume)
and FIFO buffers supporting the mandatory control Endpoint (EP0) and up to 6 versatile
Endpoints (EP1/EP2/EP3/EP4/EP5/EP6) with minimum software overhead are also part
of the USB module.
AT89C5131A-L retains the features of the Atmel 80C52 with extended Flash capacity
(32-Kbyte), 256 bytes of internal RAM, a 4-level interrupt system, two 16-bit
timer/counters (T0/T1), a full duplex enhanced UART (EUART) and an on-chip
oscillator.
In addition, AT89C5131A-L has an on-chip expanded RAM of 1024 bytes (ERAM), a
dual- data pointer, a 16-bit up/down Timer (T2), a Programmable Counter Array (PCA),
up to 4 programmable LED current sources, a programmable hardware watchdog and a
power-on reset.
AT89C5131A-L has two software-selectable modes of reduced activity for further reduc-
tion in power consumption. In the idle mode the CPU is frozen while the timers, the
serial ports and the interrupt system are still operating. In the power-down mode the
RAM is saved, the peripheral clock is frozen, but the device has full wake-up capability
through USB events or external interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com