Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN06 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN06
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN06 Datasheet(HTML) 4 Page - STMicroelectronics

  VN06 Datasheet HTML 1Page - STMicroelectronics VN06 Datasheet HTML 2Page - STMicroelectronics VN06 Datasheet HTML 3Page - STMicroelectronics VN06 Datasheet HTML 4Page - STMicroelectronics VN06 Datasheet HTML 5Page - STMicroelectronics VN06 Datasheet HTML 6Page - STMicroelectronics VN06 Datasheet HTML 7Page - STMicroelectronics VN06 Datasheet HTML 8Page - STMicroelectronics VN06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
PROTECTION AND DIAGNOSTICS (continued)
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VSTAT
St atus Voltage Output
Low
ISTAT =1.6 mA
0.4
V
VUS D
Under Voltage Shut
Down
5V
VSCL
St atus Clamp Voltage
ISTAT =10 mA
ISTAT =-10 mA
6
-0. 7
V
V
IOV
Over Current
RLOA D <10 m
Ω
-40
≤ Tc ≤ 125 oC60
A
IAV
Average Current in
Short Circuit
RLOAD <10 m
Ω
Tc =85
oC1.4
A
IOL
Open Load Current
Level
5
80
180
mA
TTSD
Thermal Shut-down
Temperature
140
oC
TR
Reset Temperature
125
oC
VOL
Open Load Voltage
Level
Of f-St ate (note 2)
2.5
3.75
5
V
t1(on)
Open Load Filtering
Time
(note 3)
1
5
10
ms
t1(off)
Open Load Filtering
Time
(note 3)
1
5
10
ms
t2(off)
Open Load Filtering
Time
(note 3)
1
5
10
ms
tpovl
St atus Delay
(note 3)
5
10
µs
tpol
St atus Delay
(note 3)
50
700
µs
(^) See Sw itchig Time Waveforms
(
•)The VIH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor
cal culated to not exceed 10 mA at the i nput pin.
note 1: The Nominal Current is the current at Tc =85
oC for battery voltage of 13V which produces a voltage drop of 0.5 V
note 2: IOL( of f) =( VCC -VOL)/R OL ( see fi gure)
note 3: t1( on ): minimum open load duration which accti vates the status output
t1( of f): mini mum l oad recovery time whi ch desactivates the status output
t2( of f): mini mum on ti me after ther mal shut down which desacti vates status output
tpo vl tpol: ISO definiti on (see figur e)
Note 2 Relevant Figure
Note 3 Relevant Figure
VN06
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com