Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM862-3 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATAM862-3
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862-3 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATAM862-3 Datasheet HTML 9Page - ATMEL Corporation ATAM862-3 Datasheet HTML 10Page - ATMEL Corporation ATAM862-3 Datasheet HTML 11Page - ATMEL Corporation ATAM862-3 Datasheet HTML 12Page - ATMEL Corporation ATAM862-3 Datasheet HTML 13Page - ATMEL Corporation ATAM862-3 Datasheet HTML 14Page - ATMEL Corporation ATAM862-3 Datasheet HTML 15Page - ATMEL Corporation ATAM862-3 Datasheet HTML 16Page - ATMEL Corporation ATAM862-3 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
13
4554F–4BMCU–07/07
ATAM862-3
11. Microcontroller Block
12. Features
• 4-Kbyte ROM, 256 × 4-bit RAM
• EEPROM Programmable Options
• Read Protection for the EEPROM Program Memory
• 11 Bi-directional I/Os
• Up to Seven External/Internal Interrupt Sources
• Eight Hardware and Software Interrupt Priorities
• Multifunction Timer/Counter
– IR Remote Control Carrier Generator
– Biphase-, Manchester- and Pulse-width Modulator and Demodulator
– Phase Control Function
• Programmable System Clock with Prescaler and Five Different Clock Sources
• Very Low Sleep Current (< 1 µA)
• 2 × 512-bit EEPROM Data Memory
• 256 × 4-bit RAM Data Memory
• Synchronous Serial Interface (2-wire, 3-wire)
• Watchdog, POR and Brown-out Function
• Voltage Monitoring Inclusive Lo_BAT Detect
13. Description
The microcontroller is designed with EEPROM cells so it can be programmed several times. To
offer full compatibility with each ROM version, the I/O configuration is stored into a separate
internal EEPROM block during programming. The configuration is downloaded to the I/Os with
every power-on reset.
14. Introduction
The microcontroller block is a member of Atmel’s family of 4-bit single-chip microcontrollers.
Instead of ROM it contains EEPROM, RAM, parallel I/O ports, two 8-bit programmable multi-
function timer/counters, voltage supervisor, interval timer with watchdog function and a
sophisticated on-chip clock generation with integrated RC-, 32-kHz and 4-MHz crystal
oscillators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com