Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAM893-D Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATAM893-D
Description  Flash Version for ATAR080, ATAR090/890 and ATAR092/892
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM893-D Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATAM893-D Datasheet HTML 17Page - ATMEL Corporation ATAM893-D Datasheet HTML 18Page - ATMEL Corporation ATAM893-D Datasheet HTML 19Page - ATMEL Corporation ATAM893-D Datasheet HTML 20Page - ATMEL Corporation ATAM893-D Datasheet HTML 21Page - ATMEL Corporation ATAM893-D Datasheet HTML 22Page - ATMEL Corporation ATAM893-D Datasheet HTML 23Page - ATMEL Corporation ATAM893-D Datasheet HTML 24Page - ATMEL Corporation ATAM893-D Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
21
4680C–4BMCU–01/05
ATAM893-D
Note:
If the bit CCS = 0 in the CM-register the RC-oscillator 1 always stops
4.6
Power-down Modes
The sleep mode is a shut-down condition which is used to reduce the average system power
consumption in applications where the microcontroller is not fully utilized. In this mode, the sys-
tem clock is stopped. The sleep mode is entered via the SLEEP instruction. This instruction sets
the interrupt enable bit (I) in the condition code register to enable all interrupts and stops the
core. During the sleep mode the peripheral modules remain active and are able to generate
interrupts. The microcontroller exits the sleep mode by carrying out any interrupt or a reset.
The sleep mode can only be kept when none of the interrupt pending or active register bits are
set. The application of the $AUTOSLEEP routine ensures the correct function of the sleep
mode. For standard applications use the $AUTOSLEEP routine to enter the power-down mode.
Using the SLEEP instruction instead of the $AUTOSLEEP following an I/O instruction requires
the insertion of 3 non I/O instruction cycles (for example NOP NOP NOP) between the IN or
OUT command and the SLEEP command.
The total power consumption is directly proportional to the active time of the microcontroller. For
a rough estimation of the expected average system current consumption, the following formula
should be used:
I
DD depends on VDD and fsyscl
The ATAM893-D has various power-down modes. During the sleep mode the clock for the
MARC4 core is stopped. With the NSTOP bit in the clock management register (CM) it is pro-
grammable if the clock for the on-chip peripherals is active or stopped during the sleep mode. If
the clock for the core and the peripherals is stopped the selected oscillator is switched off. An
exception is the 32-kHz oscillator, if it is selected it runs continuously independent of the NSTOP
bit. If the oscillator is stopped or the 32-kHz oscillator is selected, power consumption is
extremely low.
Table 4-7.
Oscillator Select
Mode
OS1
OS0
Input for SUBCL
Selected Oscillators
11
1
C
in/16
RC-oscillator 1 and external input clock
20
1
C
in/16
RC-oscillator 1 and RC-oscillator 2
31
0
C
in/16
RC-oscillator 1 and 4-MHz crystal oscillator
40
0
32 kHz
RC-oscillator 1 and 32-kHz crystal oscillator
Table 4-8.
Power-down Modes
Mode
CPU Core
Osc-
Stop
(1)
Brown-out
Function
RC-Oscillator 1
RC-Oscillator 2
4-MHz Oscillator
32-kHz
Oscillator
External
Input Clock
Active
RUN
NO
Active
RUN
RUN
YES
Power-down
SLEEP
NO
Active
RUN
RUN
YES
SLEEP
SLEEP
YES
STOP
STOP
RUN
STOP
Note:
Osc-Stop = SLEEP and NSTOP and WDL
I
total VDD,fsyscl
()
I
Sleep
I
DD
t
active
t
total
--------------
×
⎝⎠
⎛⎞
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com