Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAR092 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATAR092
Description  Low-current Microcontroller for Wireless Communication
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATAR092 Datasheet HTML 9Page - ATMEL Corporation ATAR092 Datasheet HTML 10Page - ATMEL Corporation ATAR092 Datasheet HTML 11Page - ATMEL Corporation ATAR092 Datasheet HTML 12Page - ATMEL Corporation ATAR092 Datasheet HTML 13Page - ATMEL Corporation ATAR092 Datasheet HTML 14Page - ATMEL Corporation ATAR092 Datasheet HTML 15Page - ATMEL Corporation ATAR092 Datasheet HTML 16Page - ATMEL Corporation ATAR092 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
13
4535E–4BMCU–05/07
ATAR092/ATAR892
Figure 4-9.
Voltage Monitor
4.4.1
Voltage Monitor Control/Status Register
VM2: Voltage monitor Mode bit 2
VM1: Voltage monitor Mode bit 1
VM0: Voltage monitor Mode bit 0
INT7
Voltage Monitor
OUT
IN
VM2
VMC
VM1
BP41/
VMI
VDD
VM0 VIM
--
res
VMS
VMST
Primary register address: ’F’hex
Bit 3
Bit 2
Bit 1
Bit 0
VMC: Write
VM2
VM1
VM0
VIM
Reset value: 1111b
VMST: Read
–
–
reserved
VMS
Reset value: xx11b
Table 4-3.
Voltage Monitor Modes
VM2
VM1
VM0
Function
1
1
1
Disable voltage monitor
11
0
External (VIM input), internal reference threshold (1.3V), interrupt
with negative slope
1
0
1
Not allowed
10
0
External (VMI input), internal reference threshold (1.3V), interrupt
with positive slope
01
1
Internal (supply voltage), high threshold (3.0V), interrupt with
negative slope
01
0
Internal (supply voltage), middle threshold (2.6V), interrupt with
negative slope
00
1
Internal (supply voltage), low threshold (2.2V), interrupt with
negative slope
0
0
0
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com