Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN21SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN21SP
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN21SP Datasheet(HTML) 1 Page - STMicroelectronics

  VN21SP Datasheet HTML 1Page - STMicroelectronics VN21SP Datasheet HTML 2Page - STMicroelectronics VN21SP Datasheet HTML 3Page - STMicroelectronics VN21SP Datasheet HTML 4Page - STMicroelectronics VN21SP Datasheet HTML 5Page - STMicroelectronics VN21SP Datasheet HTML 6Page - STMicroelectronics VN21SP Datasheet HTML 7Page - STMicroelectronics VN21SP Datasheet HTML 8Page - STMicroelectronics VN21SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VN21SP
HIGH SIDE SMART POWER SOLID STATE RELAY
July 1998
BLOCK DIAGRAM
T YPE
VDSS
RDS(on)
In( *)
VCC
VN21SP
60 V
0.05
Ω
7A
26 V
s
MAXIMUM CONTINUOUS OUTPUT
CURRENT (#):23 A @ Tc=85
oC
s
5 V LOGIC LEVEL COMPATIBLE INPUT
s
THERMAL SHUT-DOWN
s
UNDER VOLTAGE PROTECTION
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
INDUCTIVE LOAD FAST
DEMAGNETIZATION
s
VERY LOW STAND-BY POWER
DISSIPATION
DESCRIPTION
The VN21SP is a monolithic device made using
STMicroelectronics
VIPower
Technology,
intended for driving resistive or inductive loads
with one side grounded.
Built-in thermal shut-down protects the chip from
over temperature and short circuit.
The open drain diagnostic output indicates: open
load in off state, and in on state, output shorted to
VCC and overtemperature. Fast demagnetization
of inductive loads is archivied by negative (-18V)
load voltage at turn-off.
®
1
10
PowerSO-10
™
(*) In = Nominal current according to ISO definition for high side automotive switch (see note 1)
(#) The maximum continuous output current is the the current at Tc =85
oC for a battery voltage of 13V which does not activate self
protection.
1/9


Similar Part No. - VN21SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN21 STMICROELECTRONICS-VN21 Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN21 STMICROELECTRONICS-VN21 Datasheet
221Kb / 13P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
18-Jun-2004
VN21011Y STMICROELECTRONICS-VN21011Y Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN21012Y STMICROELECTRONICS-VN21012Y Datasheet
189Kb / 11P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
logo
Supertex, Inc
VN2106 SUTEX-VN2106 Datasheet
457Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - VN21SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN02N-E STMICROELECTRONICS-VN02N-E Datasheet
251Kb / 16P
High side smart power solid state relay
07-Nov-2008
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com