Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS8525AP Datasheet(PDF) 13 Page - Semtech Corporation

Part # ACS8525AP
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525AP Datasheet(HTML) 13 Page - Semtech Corporation

Back Button ACS8525AP Datasheet HTML 9Page - Semtech Corporation ACS8525AP Datasheet HTML 10Page - Semtech Corporation ACS8525AP Datasheet HTML 11Page - Semtech Corporation ACS8525AP Datasheet HTML 12Page - Semtech Corporation ACS8525AP Datasheet HTML 13Page - Semtech Corporation ACS8525AP Datasheet HTML 14Page - Semtech Corporation ACS8525AP Datasheet HTML 15Page - Semtech Corporation ACS8525AP Datasheet HTML 16Page - Semtech Corporation ACS8525AP Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 112 page
background image
ACS8525A LC/P
ADVANCED COMMS & SENSING
FINAL
DATASHEET
Revision 1.00/September 2007 © Semtech Corp.
Page 13
www.semtech.com
device in the JTAG scan chain, the implementation should be
such that a logic change caused by the action of the interrupt
on the TDI input should not effect the operation when JTAG is
not active.
External Protection Switching Mode-SRCSW pin
External Protection Switching mode, for fast switching
between inputs SEC1 or SEC2, can be triggered directly
from the dedicated pin SRCSW, once the mode has been
initialized.
The mode is initialized by either holding SRCSW pin High
during reset (SRCSW must remain High for at least a
further 251 ms after PORB has gone High - see following
Note), or by writing to Reg. 48 Bit 4. After External
Protection Switching mode has been initialized, the value
on this pin directly selects either SEC1 (SRCSW High) or
SEC2 (SRCSW Low). If this mode is activated at reset by
pulling the SRCSW pin High, then it configures the default
frequency tolerance of SEC1 and SEC2 to ±80 ppm
(Reg. 41 and 42), as opposed to the normal frequency
tolerance of ±9.2 ppm. These registers can be
subsequently set by external software, if required.
Note...The 251 ms comprises 250 ms allowance for the
internal reset to be removed plus 1 ms allowance for APLLs to
start-up and become stable.
The control of TTL or DIFF selection for inputs SEC1 and
SEC2 is independently determined by the priority values
of the TTL inputs; if the programmed priority of SEC1 TTL
is 0, then SEC1 DIFF is available for selection by SRCSW
pin; similarly, if SEC2 TTL is 0 priority, SEC2 DIFF is
available for selection by SRCSW pin (See Reg. 19 and 1A
cnfg_ref_selection_priority and Figure 4).
Figure 4 SEC1 and SEC2 Switching
When external protection switching is enabled, the device
will operate as a simple switch. All clock monitoring is
disabled and the DPLL will simply be forced to try to lock
on to the indicated reference source. Consequently the
device will always indicate “Locked” state in the operating
mode register (Reg. 09, Bits 2:0).
Output Clock Phase Continuity on Source
Switchover
If either PBO is selected on (default), or, if DPLL frequency
limit set to less than ±30 ppm (±9.2 ppm default), the
device will always comply with GR-1244-CORE[13]
specifications for Stratum 3 (max rate of phase change of
81 ns/1.326 ms), for all input frequencies.
A well designed system would have Master and Slave
clock from the clock sync cards aligned to within a few
nanoseconds. In which case a complete system using the
Semtech SETS clock card parts (ACS8530, ACS8520 or
ACS8510) and this Line Card part would be fully
compliant to GR-1244-CORE[13] specifications under all
conditions due to the low frequency range and bandwidth
set at the clock card end. These parts and the ACS8525A
LC/P also allow easy frame sync (8 kHz) alignment both at
the clock card and at the Line Card end through the use
of dedicated frame sync (8 kHz) inputs, in addition to the
main clock inputs.
Forcing of the Operating Mode of the Device
The Selector can force the following Operating modes,
(cnfg_operating_mode, Reg. 32):
Auto
Free-run
Holdover
Locked
Lost-phase
Pre-locked
Pre-locked2
See “Operating Modes (States) of the Device” on page 30.
Phase Locked Loops (PLLs)
PLL Overview
Figure 1 shows the PLL circuitry to comprise two Digital
PLLs (DPLL1 and DPLL2), two output multiplying and
filtering Analog PLLs (APLL1 and APLL2), output
frequency dividers in an Output Port Frequency Selection
block, a synthesis block, multiplexers MUX1 and MUX2,
and a feedback Analog PLL (APLL3). These functional
blocks, and their interconnections are highly configurable,
SEC1 TTL Priority >0
SEC2 TTL Priority >0
SEC1 TTL
SEC1 DIFF
1
0
1
0
DPLL1
SRCSW
SEC2 TTL
SEC2 DIFF
1
0
F8525D_006secSwitch_01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com