Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN220 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN220
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN220 Datasheet(HTML) 1 Page - STMicroelectronics

  VN220 Datasheet HTML 1Page - STMicroelectronics VN220 Datasheet HTML 2Page - STMicroelectronics VN220 Datasheet HTML 3Page - STMicroelectronics VN220 Datasheet HTML 4Page - STMicroelectronics VN220 Datasheet HTML 5Page - STMicroelectronics VN220 Datasheet HTML 6Page - STMicroelectronics VN220 Datasheet HTML 7Page - STMicroelectronics VN220 Datasheet HTML 8Page - STMicroelectronics VN220 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
September 1999
1/10
®
VN220
/ VN220(011Y) / VN220(012Y)
HIGH SIDE SMART POWER SOLID STATE RELAY
s
OUTPUT CURRENT (CONTINUOUS): 28A AT
TC=25°C
s
THERMAL SHUT-DOWN
s
UNDERVOLTAGE SHUT-DOWN
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
VERY LOW STAND-BY POWER DISSIPATION
DESCRIPTION
The VN220 is a monolithic device designed in
STMicroelectronics
VIPower
™
technology,
intended for driving resistive or inductive loads
with one side grounded. Built-in thermal shut-
down protects the chip from overtemperature and
short circuit. The open drain diagnostic output
indicates
open
circuit
(no
load)
and
overtemperature status.
TYPE
VDSS
RDS(on)
IOUT
VN220
VN220(011Y)
VN220(012Y)
60V
0.05
Ω
28A
BLOCK DIAGRAM
PENTAWATT
ORDER CODES:
PENTAWATT horizontal
VN220(011Y)
PENTAWATT
PENTAWATT
PENTAWATT in-line
VN220(012Y)
PENTAWATT vertical
VN220
(vertical)
(horizontal)
(in-line)


Similar Part No. - VN220

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN2204N3 SUTEX-VN2204N3 Datasheet
76Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs?
VN2204ND SUTEX-VN2204ND Datasheet
76Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs?
VN2206N3 SUTEX-VN2206N3 Datasheet
76Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs?
VN2206ND SUTEX-VN2206ND Datasheet
76Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs?
More results

Similar Description - VN220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN02N STMICROELECTRONICS-VN02N Datasheet
193Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN02N-E STMICROELECTRONICS-VN02N-E Datasheet
251Kb / 16P
High side smart power solid state relay
07-Nov-2008
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com